Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC129ALC4TR-R5 Datasheet(PDF) 10 Page - Analog Devices

Part # HMC129ALC4TR-R5
Description  4 GHz to 8 GHz GaAs MMIC Double-Balanced Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC129ALC4TR-R5 Datasheet(HTML) 10 Page - Analog Devices

Back Button HMC129ALC4TR-R5 Datasheet HTML 6Page - Analog Devices HMC129ALC4TR-R5 Datasheet HTML 7Page - Analog Devices HMC129ALC4TR-R5 Datasheet HTML 8Page - Analog Devices HMC129ALC4TR-R5 Datasheet HTML 9Page - Analog Devices HMC129ALC4TR-R5 Datasheet HTML 10Page - Analog Devices HMC129ALC4TR-R5 Datasheet HTML 11Page - Analog Devices HMC129ALC4TR-R5 Datasheet HTML 12Page - Analog Devices HMC129ALC4TR-R5 Datasheet HTML 13Page - Analog Devices HMC129ALC4TR-R5 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
HMC129ALC4
Data Sheet
Rev. 0 | Page 10 of 16
Figure 28. LO Return Loss vs. LO Frequency at 25°C, LO = 15 dBm
Figure 29. RF Return Loss vs. RF Frequency at 25°C, LO = 6 GHz, 15 dBm
Figure 30. IF Return Loss vs. IF Frequency at 25°C, LO = 6 GHz, 15 dBm
0
–5
–10
–15
–20
3
456
78
9
LO FREQUENCY (GHz)
0
–5
–10
–15
–20
–25
–30
–35
–40
3
456
78
9
RF FREQUENCY (GHz)
0
–35
–30
–25
–20
–15
–10
–5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
IF FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com