Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC129ALC4TR-R5 Datasheet(PDF) 15 Page - Analog Devices

Part # HMC129ALC4TR-R5
Description  4 GHz to 8 GHz GaAs MMIC Double-Balanced Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC129ALC4TR-R5 Datasheet(HTML) 15 Page - Analog Devices

Back Button HMC129ALC4TR-R5 Datasheet HTML 8Page - Analog Devices HMC129ALC4TR-R5 Datasheet HTML 9Page - Analog Devices HMC129ALC4TR-R5 Datasheet HTML 10Page - Analog Devices HMC129ALC4TR-R5 Datasheet HTML 11Page - Analog Devices HMC129ALC4TR-R5 Datasheet HTML 12Page - Analog Devices HMC129ALC4TR-R5 Datasheet HTML 13Page - Analog Devices HMC129ALC4TR-R5 Datasheet HTML 14Page - Analog Devices HMC129ALC4TR-R5 Datasheet HTML 15Page - Analog Devices HMC129ALC4TR-R5 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Data Sheet
HMC129ALC4
Rev. 0 | Page 15 of 16
APPLICATIONS INFORMATION
TYPICAL APPLICATION CIRCUIT
Figure 39 shows the typical application circuit for the
HMC129ALC4. The HMC129ALC4 is a passive device
and does not require any external components. The LO pin
is internally ac-coupled. The RF and IF pins are internally
dc-coupled. When IF operation to dc is not required, using an
external series capacitor is recommended, of a value chosen to
pass the necessary IF frequency range. When IF operation to dc
is required, do not exceed the IF source and sink current rating
specified in the Absolute Maximum Ratings section.
Figure 39. Typical Application Circuit
EVALUATION PCB INFORMATION
Use RF circuit design techniques for the circuit board used in
the application. Ensure that signal lines have 50 Ω impedance,
and connect the package ground leads and the exposed pad
directly to the ground plane (see Figure 40). Use a sufficient
number of via holes to connect the top and bottom ground
planes. The evaluation circuit board shown in Figure 40 is
available from Analog Devices, Inc., upon request.
Table 5. List of Materials for Evaluation PCB
EV1HMC129ALC4
Item
Description
J1 to J3
PCB mount SMA connector
U1
HMC129ALC4
PCB1
109726 evaluation board on Rogers 4350
1 109726 is the raw bare PCB identifier. Reference EV1HMC129ALC4 when
ordering the complete evaluation PCB.
Figure 40. Evaluation PCB Top Layer
13
1
3
4
2
NIC
GND
RF
GND
5
6
NIC
NIC
NIC
14 NIC
15 GND
16 LO
17 GND
18 NIC
HMC129ALC4
LO
RF
IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com