Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0252 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STSPIN32F0252
Description  Advanced 250 V three-phase BLDC controller with embedded STM32 MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0252 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STSPIN32F0252 Datasheet HTML 7Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 8Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 9Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 10Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 11Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 12Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 13Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 14Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VBOthOff
VBO UVLO turn-off
threshold
7
7.5
8
V
VBOhys
VBO UVLO
threshold hysteresis
0.4
0.5
0.6
V
ILK
High voltage
leakage current
BOOT = HVG = OUT = 620 V
15
µA
RDboot
Bootstrap diode on
resistance
TJ = 25 °C
LVG
ON
215
240
Ω
LVG
OFF
215
250
Output driving buffers
ISO
Source peak current
STSPIN32F0251/Q
TJ = 25 °C
160
200
300
mA
Full temperature range3
130
350
mA
STSPIN32F0252/Q
TJ = 25 °C
0.88
1.0
1.33
A
Full temperature range3
0.72
1.48
A
ISI
Sink peak current
STSPIN32F0251/Q
TJ = 25 °C
230
350
430
mA
Full temperature range3
200
500
mA
STSPIN32F0252/Q
TJ = 25 °C
0.71
0.85
1.02
A
Full temperature range3
0.51
1.15
A
RDSonON
Source RDSon
I = 10mA
STSPIN32F0251/Q
TJ = 25 °C
24
35
46
Ω
Full temperature range3
20
56
Ω
STSPIN32F0252/Q
TJ = 25 °C
5
6.4
7.6
Ω
Full temperature range3
4.2
10.3
Ω
RDSonOFF
Sink RDSon
I = 10mA
STSPIN32F0251/Q
TJ = 25 °C
11
16
21
Ω
Full temperature range3
8
27
Ω
STSPIN32F0252/Q
TJ = 25 °C
5.5
6.7
8
Ω
Full temperature range3
4.5
11.2
Ω
Logic Inputs
Vil
Low level logic
threshold voltage
TTa type (4)
0.3·VDD+
0.07
V
FT, FTf type (4)
0.475 ·VDD
–0.2
V
Vih
High level logic
threshold voltage
TTa type (4)
0.45 ·VDDIOx
+ 0.398
V
FT, FTf type (4)
0.5 ·VDDIOx
+0.2
V
Vhyst
Schmitt trigger
hysteresis
TTa type (4)
200
mV
FT, FTf type (4)
100
mV
Ilkg
Input leakage
current
TC, FT and FTf I/O TTa in digital
mode
± 0.1
µA
STSPIN32F0251, STSPIN32F0252
Electrical characteristics
DS13048 - Rev 4
page 11/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com