Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0252 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STSPIN32F0252
Description  Advanced 250 V three-phase BLDC controller with embedded STM32 MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0252 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STSPIN32F0252 Datasheet HTML 16Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 17Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 18Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 19Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 20Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 21Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 22Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 23Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
6.2
Microcontroller unit
The integrated MCU is the STM32F031x6 with the following main characteristics:
•
Core: ARM® 32-bit Cortex® -M0 CPU, frequency up to 48 MHz
•
Memories: 4kB of SRAM, 32 kB of Flash Memory
•
CRC calculation unit
•
Up to 21 fast I/Os
•
Advanced-control timer dedicated for PWM generation
•
Up to 6 general purpose timers
•
12-bit ADC (up to 10 channels)
•
Communication interfaces: I2C, USART, SPI
•
Serial Wire Debug (SWD)
•
Extended temperature range: -40 to 125°C
Note:
For more details refer to the STM32F031x6 datasheet on www.st.com
6.2.1
Memories and boot mode
The device has the following features:
•
4 Kbytes of embedded SRAM accessed (read/write) at CPU clock speed with 0 wait states and featuring
embedded parity checking with exception generation for fail-critical applications.
•
The non-volatile memory is divided into two arrays:
–
32 Kbytes of embedded Flash memory for programs and data
–
Option bytes
The option bytes are used to write-protect the memory (with 4 KB granularity) and/or readout-protect the whole
memory with the following options:
•
Level 0: no readout protection
•
Level 1: memory readout protection, the Flash memory cannot be read from or written to if either debug
features are connected or boot in RAM is selected
•
Level 2: chip readout protection, debug features (Cortex®-M0 serial wire) and boot in RAM selection
disabled.
At startup, the boot pin and boot selector option bit are used to select one of the three boot
options:
•
boot from User Flash memory
•
boot from System Memory
•
boot from embedded SRAM
The boot loader is located in System Memory, programmed by ST during production. It is used to reprogram the
Flash memory by using USART on pins PA14/PA15.
6.2.2
Power management
The VDD pin is the power supply for I/Os and the internal regulator.
The VDDA pin is power supply for ADC, Reset blocks, RCs and PLL. The VDDA voltage is provided externally
through VDDA pin
Note:
The VDDA voltage level must be always greater or equal to the VDD voltage level and must be established first.
The MCU has integrated power-on reset (POR) and power-down reset (PDR) circuits. They are always active,
and ensure proper operation above a threshold of 2 V. The device remains in reset mode when the monitored
supply voltage is below a specified threshold, VPOR/PDR, without the need for an external reset circuit.
•
The POR monitors only the VDD supply voltage. During the startup phase it is required that VDDA should
arrive first and be greater than or equal to VDD.
•
The PDR monitors both the VDD and VDDA supply voltages, however the VDDA power supply supervisor
can be disabled (by programming a dedicated Option bit) to reduce the power consumption if the application
design ensures that VDDA is higher than or equal to VDD.
STSPIN32F0251, STSPIN32F0252
Microcontroller unit
DS13048 - Rev 4
page 20/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com