Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0252 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STSPIN32F0252
Description  Advanced 250 V three-phase BLDC controller with embedded STM32 MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0252 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STSPIN32F0252 Datasheet HTML 23Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 24Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 25Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 26Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 27Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 28Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 29Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 30Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
8
Ordering information
Table 12. Order codes
Order code
Package
Package marking
Packaging
STSPIN32F0251
TQFP 10x10 64L
STSPIN32F0 251
Tray
STSPIN32F0251TR
TQFP 10x10 64L
STSPIN32F0 251
Tape and Reel
STSPIN32F0252
TQFP 10x10 64L
STSPIN32F0 252
Tray
STSPIN32F0252TR
TQFP 10x10 64L
STSPIN32F0 252
Tape and Reel
STSPIN32F0251Q
QFN 10 x 10 72L
SPINF251Q
Tray
STSPIN32F0251QTR
QFN 10 x 10 72L
SPINF251Q
Tape and Reel
STSPIN32F0252Q
QFN 10 x 10 72L
SPINF252Q
Tray
STSPIN32F0252QTR
QFN 10 x 10 72L
SPINF252Q
Tape and Reel
STSPIN32F0251, STSPIN32F0252
Ordering information
DS13048 - Rev 4
page 27/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com