Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0252 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STSPIN32F0252
Description  Advanced 250 V three-phase BLDC controller with embedded STM32 MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0252 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STSPIN32F0252 Datasheet HTML 22Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 23Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 24Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 25Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 26Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 27Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 28Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 29Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
Symbol
Min
Non
Max
K
1.85 Ref.
Note:
All dimensions are mm unless otherwise specified
7.2
Suggested land pattern
Figure 15. TQFP 10x10 64L suggested land pattern
11.45
6.00
.25
Note:
All dimensions are mm unless otherwise specified
Figure 16. QFN 10x10 72L suggested land pattern
STSPIN32F0251, STSPIN32F0252
Suggested land pattern
DS13048 - Rev 4
page 26/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com