Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0602Q Datasheet(PDF) 6 Page - STMicroelectronics

Part # STSPIN32F0602Q
Description  Advanced 600 V three-phase BLDC controller with embedded STM32 MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0602Q Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STSPIN32F0602Q Datasheet HTML 2Page - STMicroelectronics STSPIN32F0602Q Datasheet HTML 3Page - STMicroelectronics STSPIN32F0602Q Datasheet HTML 4Page - STMicroelectronics STSPIN32F0602Q Datasheet HTML 5Page - STMicroelectronics STSPIN32F0602Q Datasheet HTML 6Page - STMicroelectronics STSPIN32F0602Q Datasheet HTML 7Page - STMicroelectronics STSPIN32F0602Q Datasheet HTML 8Page - STMicroelectronics STSPIN32F0602Q Datasheet HTML 9Page - STMicroelectronics STSPIN32F0602Q Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
3
Pin description table
Table 3. Pin description
TQFP N.
QFN N.
Name
Type
Function
-
1
RES6
Reserved
Pin must be left floating
1
2
PB8
I/O - FTf
MCU PB8
2
3
VSS
Supply
MCU digital ground
3
4
VDD
Supply
MCU digital power supply
4
5
PC13
I/O - TC
MCU PC13
5
6
PC14
I/O - TC
MCU PC14
6
7
PC15
I/O - TC
MCU PC15
7
8
PF0
I/O - FT
MCU PF0
8
9
PF1
I/O - FT
MCU PF1
9
10
NRST
I/O - RST
MCU Reset pin
10
11
VSSA
Supply
MCU analog ground
11
12
VDDA
Supply
MCU analog power supply
12
13
PA0
I/O - TTa
MCU PA0
13
14
PA1
I/O - TTa
MCU PA1
14
15
PA2
I/O - TTa
MCU PA2
15
16
PA3
I/O - TTa
MCU PA3
16
17
PA4
I/O - TTa
MCU PA4
-
18
RES7
Reserved
Pin must be left floating
17
19
PA5
I/O - TTa
MCU PA5
18
20
PA6
I/O - TTa
MCU PA6
19
21
PA7
I/O - TTa
MCU PA7
20
22
PB0
I/O - TTa
MCU PB0
21
23
PB1
I/O - TTa
MCU PB1
22
24
VDD
Supply
MCU digital power supply
23
25
VSS
Supply
MCU digital ground
24
26
OD
Analog OD Output
Open Drain comparator output
25
27
CIN
Analog Input
Comparator positive input
26
28
SGND
Power
Driver signal ground
27
29
PGND
Power
Driver power ground
28
30
LVG1(1)
Analog Out
Phase 1 low-side driver output
29
31
LVG2(1)
Analog Out
Phase 2 low-side driver output
30
32
LVG3(1)
Analog Out
Phase 3 low-side driver output
31
33
RES4
Reserved
Pin must be left floating
33
38
OUT1
Power
Phase 1 high-side (floating) common
voltage
34
39
HVG1(1)
Analog Out
Phase 1 high-side driver output
35
40
BOOT1
Power
Phase 1 bootstrap supply voltage
STSPIN32F0601, STSPIN32F0602
Pin description table
DS12981 - Rev 5
page 6/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com