Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0602Q Datasheet(PDF) 7 Page - STMicroelectronics

Part # STSPIN32F0602Q
Description  Advanced 600 V three-phase BLDC controller with embedded STM32 MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0602Q Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STSPIN32F0602Q Datasheet HTML 3Page - STMicroelectronics STSPIN32F0602Q Datasheet HTML 4Page - STMicroelectronics STSPIN32F0602Q Datasheet HTML 5Page - STMicroelectronics STSPIN32F0602Q Datasheet HTML 6Page - STMicroelectronics STSPIN32F0602Q Datasheet HTML 7Page - STMicroelectronics STSPIN32F0602Q Datasheet HTML 8Page - STMicroelectronics STSPIN32F0602Q Datasheet HTML 9Page - STMicroelectronics STSPIN32F0602Q Datasheet HTML 10Page - STMicroelectronics STSPIN32F0602Q Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
TQFP N.
QFN N.
Name
Type
Function
40
45
OUT2
Power
Phase 2 high-side (floating) common
voltage
41
46
HVG2(1)
Analog Out
Phase 2 high-side driver output
42
47
BOOT2
Power
Phase 2 bootstrap supply voltage
46
51
OUT3
Power
Phase 3 high-side (floating) common
voltage
47
52
HVG3(1)
Analog Out
Phase 3 high-side driver output
48
53
BOOT3
Power
Phase 3 bootstrap supply voltage
50
58
RES5
Reserved
Pin must be left floating
51
59
VCC
Power
Driver low side and logic supply voltage
52
60
RES1
Reserved
Pin must be left floating
53
61
RES2
Reserved
Pin must be left floating
54
62
RES3
Reserved
Pin must be left floating
55
63
PA12
I/O - FT
MCU PA12
56
64
PA13
I/O - FT
MCU PA13/SWDIO (System debug data)
57
65
PA14
I/O - FT
MCU PA14/SWDCLK (System debug clock)
58
66
PA15
I/O - FT
MCU PA15
59
67
PB3
I/O - FT
MCU PB3
60
68
PB4
I/O - FT
MCU PB4
61
69
PB5
I/O - FT
MCU PB5
62
70
PB6
I/O - FTf
MCU PB6
63
71
PB7
I/O - FTf
MCU PB7
64
72
BOOT0
I - B
Boot memory selection
32, 36, 37,
38, 39, 43,
44, 45, 49
44
NC
Not Connected
-
-
EPAD
Power
Exposed pad, internally connected to
SGND
1. The circuit guarantees less than 1 V on the LVG and HVG pins (at Isink = 10 mA), with VCC > 3 V. This allows omitting the
“bleeder” resistor connected between the gate and the source of the external MOSFETs normally used to hold the pin low.
When the EN is set low, gate driver outputs are forced low and assure low impedance.
STSPIN32F0601, STSPIN32F0602
Pin description table
DS12981 - Rev 5
page 7/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com