Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0602Q Datasheet(PDF) 13 Page - STMicroelectronics

Part # STSPIN32F0602Q
Description  Advanced 600 V three-phase BLDC controller with embedded STM32 MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0602Q Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STSPIN32F0602Q Datasheet HTML 9Page - STMicroelectronics STSPIN32F0602Q Datasheet HTML 10Page - STMicroelectronics STSPIN32F0602Q Datasheet HTML 11Page - STMicroelectronics STSPIN32F0602Q Datasheet HTML 12Page - STMicroelectronics STSPIN32F0602Q Datasheet HTML 13Page - STMicroelectronics STSPIN32F0602Q Datasheet HTML 14Page - STMicroelectronics STSPIN32F0602Q Datasheet HTML 15Page - STMicroelectronics STSPIN32F0602Q Datasheet HTML 16Page - STMicroelectronics STSPIN32F0602Q Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Driver dynamic characteristics
ton
High/Low-side driver
turn-on propagation
delay
OUT = 0 V
BOOT = VCC
CL = 1 nF
Vin = 0 to 3.3 Vsee Figure 4
45
85
120
ns
toff
High/Low-side driver
turn-off propagation
delay
45
85
120
ns
tEN
Enable to high/low
side driver
propagation delay
245
345
520
ns
tr
Rise time
CL= 1 nF
STSPIN32F0601/Q
120
ns
STSPIN32F0602/Q
19
tf
Fall time
CL= 1 nF
STSPIN32F0601/Q
50
ns
STSPIN32F0602/Q
17
MT
Delay matching
high/low
side turn-on/off
(6)
0
30
ns
DT
Deadtime
CL= 1 nF
200
300
400
ns
MDT
Matching deadtime
(7)
CL= 1 nF
0
50
ns
1. The current consumption depends on the firmware loaded in the microcontroller. See STM32F031x6x7
datasheet.www.st.com
2. Data based on characterization results, not tested in production.
3. Values provided by characterization, not tested
4. Data based on design simulation only. Not tested in production.
5. Comparator is disabled when VCC is in UVLO condition.
6. MT = max. (|ton(LVG) - toff(LVG)|, |ton(HVG) - toff(HVG)|, |toff(LVG) - ton(HVG)|, |toff(HVG) - ton(LVG)|)
7. MDT = | DTLH - DTHL |, refer to Figure 4.
STSPIN32F0601, STSPIN32F0602
Electrical characteristics
DS12981 - Rev 5
page 13/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com