Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0602Q Datasheet(PDF) 21 Page - STMicroelectronics

Part # STSPIN32F0602Q
Description  Advanced 600 V three-phase BLDC controller with embedded STM32 MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0602Q Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STSPIN32F0602Q Datasheet HTML 17Page - STMicroelectronics STSPIN32F0602Q Datasheet HTML 18Page - STMicroelectronics STSPIN32F0602Q Datasheet HTML 19Page - STMicroelectronics STSPIN32F0602Q Datasheet HTML 20Page - STMicroelectronics STSPIN32F0602Q Datasheet HTML 21Page - STMicroelectronics STSPIN32F0602Q Datasheet HTML 22Page - STMicroelectronics STSPIN32F0602Q Datasheet HTML 23Page - STMicroelectronics STSPIN32F0602Q Datasheet HTML 24Page - STMicroelectronics STSPIN32F0602Q Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
The device features an embedded programmable voltage detector (PVD) that monitors the VDD power supply
and compares it to the VPVD threshold. An interrupt can be generated when VDD drops below the VPVD
threshold and/or when VDD is higher than the VPVD threshold. The interrupt service routine can then generate a
warning message and/or put the MCU into a safe state. The PVD is enabled by software.
The MCU supports three low-power modes to achieve the best compromise between low power consumption,
short startup time and available wakeup sources:
•
Sleep mode
In Sleep mode, only the CPU is stopped. All peripherals continue to operate and can wake up the CPU
when an interrupt/event occurs.
•
Stop mode
Stop mode achieves very low power consumption while retaining the content of SRAM and registers.
All clocks in the 1.8 V domain are stopped, the PLL, the HSI RC and the HSE crystal oscillators are
disabled. The voltage regulator can also be put either in normal or in low power mode.
The device can be woken up from Stop mode by any of the EXTI lines (one of the 16 external lines, the
PVD output, RTC, I2C1 or USART1).
•
Standby mode
The Standby mode is used to achieve the lowest power consumption. The internal voltage regulator is
switched off so that the entire 1.8 V domain is powered off. The PLL, the HIS RC and the HSE crystal
oscillators are also switched off. After entering Standby mode, SRAM and register contents are lost
except for registers in the RTC domain and Standby circuitry.
The device exits Standby mode when an external reset (NRST pin), an IWDG reset, a rising edge on
the WKUP pins, or an RTC event occurs.
6.2.3
High-speed external clock source
The high-speed external (HSE) clock can be generated from external clock signal or supplied with a 4 to 32
MHz crystal/ceramic resonator oscillator (see Figure 11). In the application, the resonator and the load capacitors
have to be placed as close as possible to the oscillator pins in order to minimize output distortion and startup
stabilization time.
Figure 11. Typical application with 8 MHz crystal
1.
The REXT value depends on the crystal characteristics (refer to the crystal resonator manufacturer for more
details on them).
2.
The external clock signal has to respect the I/O characteristics and follows recommended clock input
waveform (refer to Figure 12).
Figure 12. HSE clock source timing diagram
STSPIN32F0601, STSPIN32F0602
Microcontroller unit
DS12981 - Rev 5
page 21/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com