Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW2604 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SW2604
Description  High performance current mode PWM switching power supply controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SW2604 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SW2604 Datasheet HTML 1Page - List of Unclassifed Manufacturers SW2604 Datasheet HTML 2Page - List of Unclassifed Manufacturers SW2604 Datasheet HTML 3Page - List of Unclassifed Manufacturers SW2604 Datasheet HTML 4Page - List of Unclassifed Manufacturers SW2604 Datasheet HTML 5Page - List of Unclassifed Manufacturers SW2604 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SW2604
SAMWIN 绿色电源的最佳选择 HTTP://WWW.SEMIPOWER.COM.CN
第 2 页 共 6 页
SW2604-CN-02
典型应用
引脚说明
脚号
脚名
说明
1
OB
功率管基极,启动电流输入,外接启动电阻
2
VCC
供电脚
3
GND
接地脚
4
CT
振荡电容脚,外接定时电容
5
FB
反馈脚
6
IS
开关电流取样与限制设定,外接电流取样电阻
7
OC
输出脚,接开关变压器
8
OC
输出脚,接开关变压器
▲:PCB Layout时应将Pin6与Pin7之间保留1mm以上的安全距离,避免产生放电现象.
典型输出功率能力
产品型号
190—264VAC
85—264VAC
适配器
开放式
适配器
开放式
SW2604
15
18
12
15



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com