Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW2604 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SW2604
Description  High performance current mode PWM switching power supply controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SW2604 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SW2604 Datasheet HTML 1Page - List of Unclassifed Manufacturers SW2604 Datasheet HTML 2Page - List of Unclassifed Manufacturers SW2604 Datasheet HTML 3Page - List of Unclassifed Manufacturers SW2604 Datasheet HTML 4Page - List of Unclassifed Manufacturers SW2604 Datasheet HTML 5Page - List of Unclassifed Manufacturers SW2604 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SW2604
SAMWIN 绿色电源的最佳选择 HTTP://WWW.SEMIPOWER.COM.CN
第 1 页 共 6 页
SW2604-CN-02
高性能电流模式 PWM 开关电源控制器
概述
SW2604采用双极工艺制造、内建防过载、防饱和电路,能满足绿色环保标准的开关电源控制器;为提高
电路性能参数的一致性,对内部基准电压进行了特别设计,以提高内部基准电压的精度。采用宽电源
(85--265)设计,典型输出功率12W,最高输出功率可达15W,峰值输出功率18W。广泛使用于经济型开关电源,
如DVD、机顶盒、传真机、打印机、LCD显示器等。
特点
内建防过载、饱和电路,能及时防范过载、开关变压器饱和、输出短路等故障
采用700V耐压的双极型三极管作为开关管;同时利用其放大作用完成启动,并使启动电阻的功耗减小
10倍以上
开关管内置,减少成本,提高电路性价比
内置斜坡补偿电路、热保护电路、斜坡电流驱动电路
内置热保护电路
低启动和工作电流
VCC过压自动限制
无输出功耗小于0.15W
极少的外围元器件
封装形式:DIP8
应用
引脚图
中小功率AC/DC开关电源
充电器、外置电源盒
DVD、DVB电源
小功率适配器
PC、TV 等电器的辅助电源
线性调节器/替代RCC 变换器


Similar Part No. - SW2604

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW26000 SUNNYWAY-SW26000 Datasheet
417Kb / 1P
Telecom & Industry stationary battery
SW26000E SUNNYWAY-SW26000E Datasheet
379Kb / 1P
Photovaltaic & wind power battery
SW26000E SUNNYWAY-SW26000E_17 Datasheet
482Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW26000 SUNNYWAY-SW26000_1 Datasheet
354Kb / 1P
Telecom & Industry stationary battery
SW26000 SUNNYWAY-SW26000_17 Datasheet
523Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
More results

Similar Description - SW2604

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
May-2004
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
High Performance Current Mode PWM Controller
logo
Leshan Radio Company
LR5920 LRC-LR5920 Datasheet
638Kb / 12P
High Performance Current Mode PWM Switching Power Supply Controller
logo
STMicroelectronics
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
E-UC3843BD1 STMICROELECTRONICS-E-UC3843BD1 Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
logo
Semtech Corporation
SC4809A SEMTECH-SC4809A_16 Datasheet
321Kb / 16P
High Performance Current Mode PWM Controller
logo
Shaanxi Reactor Micro...
RM6203 REACTOR-RM6203 Datasheet
313Kb / 7P
High Performance Current Mode PWM Switching Power Supply controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com