Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW2604 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SW2604
Description  High performance current mode PWM switching power supply controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SW2604 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SW2604 Datasheet HTML 1Page - List of Unclassifed Manufacturers SW2604 Datasheet HTML 2Page - List of Unclassifed Manufacturers SW2604 Datasheet HTML 3Page - List of Unclassifed Manufacturers SW2604 Datasheet HTML 4Page - List of Unclassifed Manufacturers SW2604 Datasheet HTML 5Page - List of Unclassifed Manufacturers SW2604 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SW2604
SAMWIN 绿色电源的最佳选择 HTTP://WWW.SEMIPOWER.COM.CN
第 3 页 共 6 页
SW2604-CN-02
内部框图
极限参数
项目
数值
供电电压VCC
16V
引脚输入电压
VCC+0.3V
OC集电极承受电压
-0.3--700V
峰值开关电流
1100mA
总耗散功率
1000mW
工作温度范围
0--+150℃
储存温度范围
-55--+150℃
焊接温度
+260℃, 10S



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com