Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU508DF Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # BU508DF
Description  SEMICONDUCTORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BU508DF Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button BU508DF Datasheet HTML 8Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 9Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 10Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 11Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 12Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 13Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 14Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 15Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
348
Order Online
www.mcmelectronics.com
NET 30
Terms
Semiconductors/
Components
section
16
Diodes and Bridge Rectifiers
MCM offers a complete selection of rectifiers and
diodes including fast recovery, super fast, high effciency,
schottky and bridge rectifiers. In addition to popular values,
our zener diode selection includes 400mW, 500mW and
higher voltage 1W
500mW Zener Diodes
•5% tolerance •DO-35 case style
$0.55 (1-4) . . . . . . .$0.49 (5-9) . . . . . . .$0.44 (10-29)
Order #
Voltage
1N5221
2.4
1N5222
2.5
1N5223
2.7
Order #
Voltage
1N5224
2.8
1N5225
3.0
Order #
Voltage
1N5226B
3.3
1N5227B
3.6
1N5228B
3.9
1N5229B
4.3
1N5230B
4.7
1N5231B
5.1
1N5232B
5.6
1N5233B
6.0
1N5234B
6.2
1N5235B
6.8
1N5236B
7.5
1N5237B
8.2
1N5238B
8.7
1N5239B
9.1
1N5240B
10
1N5241B
11
1N5242B
12
1N5243B
13
1N5244B
14
Order #
Voltage
1N5245B
15
1N5246B
16
1N5247B
17
1N5248B
18
1N5249B
19
1N5250B
20
1N5251B
22
1N5252B
24
1N5253B
25
1N5254B
27
1N5255B
28
1N5256B
30
1N5257B
33
1N5258B
36
1N5259B
39
1N5260B
43
1N5261B
47
1N5262B
51
1N5263B
56
$0.19 (1-4) . . . . . . . .$0.16 (5-9) . . . . . .$0.15 (10-29)
400mW Zener Diodes
•5% tolerance •DO-35 case style
Order # Voltage
1N746A
3.3
1N747A
3.6
1N748A
3.9
1N751A
5.1
Order # Voltage
1N752A
5.6
1N754A
6.8
1N755A
7.5
1N758A
10
Order # Voltage
1N759A
12
1N966B
16
$0.79 (1-4)
. . . . . . .$0.70 (5-9) . . . . . . .$0.61 (10-29)
General Purpose Diodes
•2.5A •1000V •Replaces ECG® 125
Order #
(1-9)
(10-up)
2.5A 1KV
$0.05
$0.04
DO-15
DO41
DO-35
DO-201AD
R-6
TO-220
TO-220A
DO-213
Supply
S/N Ratio
Order #
Mfr. #
Description
Voltage
(dB)
Package/Pins
(1-24)
(25-99)
N-92F289
LM380N
2.5W, 1 Channel
-
-
14-MDIP
$1.69
$1.24
N-92F291
LM384N
5W, 1 Channel
26
-
14-MDIP
1.40
1.07
N-92F292
LM386M-1
Low Voltage, 1 Channel
12
-
8-SOIC
0.72
0.54
NARROW
N-92F293
LM386N-1
Low Voltage, 1 Channel
12
-
8-MDIP
0.77
0.57
N-07B6623
LM386N-4
Low Voltage, 1 Channel
6
-
8-MDIP
0.94
0.71
N-07B7003
LM833MX
Dual Audio Operational Amplifier
36
-
8-SOIC
0.86
0.64
N-92F268
LM1875T
20W, 1 Channel
25
-
5-TO-220
2.73
2.09
N-92F270
LM1877M-9
Dual, 2 Channel
14
-
14-SOIC Wide
1.43
1.08
N-92F271
LM1877N-9
Dual, 2 Channel
14
-
14-MDIP
1.55
1.18
N-92F278
LM2876T
High Performance 40W with Mute
30
98
11-TO-220
4.30
3.37
1 Channel
N-92F294
LM3875T
56W, High Performance, 1 Channel
84
95
11-TO-220
5.70
4.47
N-92F296
LM3876T
56W with Mute, 1 Channel
8
98
11-TO-220
5.23
4.10
N-92F298
LM3886T
68W with Mute, 1 Channel
84
92
11-TO-220
8.23
7.10
N-92F299
LM3886TF
68W with Mute, 1 Channel
84
92
11-TO-220
5.48
4.30
N-48F7272
LM4752TS
Stereo 11W Audio Power Amplifier
24
-
7-TO-263
2.42
1.85
N-92F951
LM4755T
Stereo 11W Audio Power Amplifier
20
-
9-TO-220
2.36
1.80
N-34C6601
LM4811MM
Dual 105mW Headphone Amplifier
5
106
8-MSOP
1.80
1.32
with Volume Control and Shutdown
N-48F5658
LM4835MTE
Stereo 2W with DC Volume Control
5
102
28-TSSOP
4.05
3.17
Selectable Gain, 2-Channel
N-34C6605
LM4836LQ
Stereo 2W w/DC Volume Control
5
102
28-LLP
3.43
2.69
Bass Boost, Input Mux, 2 Channel
N-92F304
LM4860M
1W with Shutdown Mode, 1 Channel
5
98
16-SOIC
1.84
1.39
NARROW
N-92F305
LM4861M
1.1W with Shutdown Mode, 1 Channel
5
98
8-SOIC
1.84
1.39
N-92F306
LM4862M
675mW with Shutdown, 1 Channel
5
98
16-SOIC
1.73
1.31
NARROW
N-48F5659
LM4863MTE
Dual 2.2W Audio Amplifier Plus
5
98
20-TSSOP
2.68
2.10
Stereo Headphone Function
N-92F952
LM4864MM
725mW Audio Power Amplifier
5
98
8-SOIC
1.39
1.05
with Shutdown Mode
N-74C4590
LM4865M
Strobe Edge, Transmitter
5
115
8-SOIC
1.80
1.38
N-74C4600
LM4871LD
3W Audio Power Amplifier
5
98
8-LLP
1.39
1.05
with Shutdown Mode
N-07B6781
LM4871M
3W Audio Power Amplifier
5
98
8-SOIC
1.24
0.94
with Shutdown Mode
N-92F312
LM4880M
Dual 200mW with Shutdown, 2 Channel
5
-
16-SOIC
1.40
1.07
NARROW
N-74C4636
LM4890M
1 Watt Audio Power Amplifier
5
105
8-SOIC
1.63
1.25
N-34C6639
LM4894MM
1W Fully Differential with Shutdown Select 5.5
87
8-MSOP
2.36
1.80
Fixed 6dB Gain, 1 Channel
National Semiconductor
Audio Power Amplifiers
General Purpose Diode
•6A •Commonly used in stereo amplifier
power supplies
Order #
Voltage
(1-4)
(5-9)
6A1
100V
$0.46
$0.42
6A10
1000V
0.46
0.43
1 Watt Zener Diodes
•5% tolerance •DO-41 case style
$0.29 (1-4) . . . . . . . . .$0.28 (5-9) . . . . . .$0.25 (10-29)
Order #
Voltage
1N4728A
3.3
1N4729A
3.6
1N4730A
3.9
1N4731A
4.3
1N4732A
4.7
1N4733A
5.1
1N4734A
5.6
1N4735A
6.2
1N4736A
6.8
1N4737A
7.5
1N4738A
8.2
1N4739A
9.1
1N4740A
10
1N4741A
11
1N4743A
13
Order #
Voltage
1N4742A
12
1N4746A
18
1N4747A
20
1N4744A
15
1N4745A
16
1N4748A
22
1N4749A
24
1N4750A
27
1N4751A
30
1N4752A
33
1N4753A
36
1N4754A
39
1N4755A
43
1N4756A
47
1N4757A
51
1N4758A
56
Order # Voltage
1N4760
68
Order # Voltage
1N4762
82
Order # Voltage
1N4763
91
$0.40 (1-4) . . . . . . . .$0.38 (5-9) . . . . . . .$0.33 (10-29)
Miscellaneous Diodes
Order #
(1-4) (5-9) (10-29)
1N34A
$1.83 $1.66 $1.44
1N46
0.32 0.28 0.27
1N60
0.32 0.28 0.27
1N3754
0.72 0.66 0.61
1N4370
0.55 0.49 0.44
1N4759
0.49 0.44 0.39
1N4764
0.51 0.47 0.41
1N5347
1.74 1.52 1.33
1N5349A 1.58 1.44 1.25
1N5356A 2.07 1.90 1.75
1N5357B 2.07 1.90 1.75
1N5358
2.07 1.90 1.75
1N5363
0.92 0.84 0.72
1N5365B 2.07 1.90 1.75
1N5366
1.35 1.23 1.07
1N5367
2.07 1.90 1.75
Order #
(1-4) (5-9) (10-29)
1N5383B $2.07 $1.90 $1.75
1N5392
0.14 0.13 0.12
1N5399
0.81 0.74 0.66
1N5637
1.25 1.15 1.06
1N6263
2.44 2.24 2.06
1N6267
3.44 3.16 2.91
1S188
0.32 0.28 0.27
1SS99
1.49 1.37 1.26
1SS119
0.14 0.13 0.12
1SS184
0.36 0.32 0.28
HVP12
10.95 10.07 9.26
MR501
0.26 0.25 0.23
V-11N
1.86 1.71 1.57
High Voltage Fast Recovery Rectifiers
Lo
PRV
Case
Order # (A avg)
(V)
Style
(1-4)
(5-9) (10-29)
R1800F
.5
1800
DO-41
$0.29
—
—
R2000F
.5
2000
DO-41
2.12 $1.90 $1.63
Semiconductor
Database Software
•Software has information on
over 84,500 semiconductors
•Contains information on
analog and digital ICs,
EPROMs, transistors, FETs, diodes and thyristors
•For most semiconductors database offers function,
package, pinout, technical data and comparisons
when available •DOS program requires 3Mb of
open hard drive space
Order #
(ea.)
81-2930
$25.70
C52_pg_348
8/16/07
11:07 AM
Page 348



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com