Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU508DF Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # BU508DF
Description  SEMICONDUCTORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BU508DF Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button BU508DF Datasheet HTML 14Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 15Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 16Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 17Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 18Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 19Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 20Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 21Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
354
Order Online
www.mcmelectronics.com
NET 30
Terms
Semiconductors/
Components
section
16
Surface Mount CMOS ICs
•One piece per package
Order #
Description
Case
(1-4)
(5-9)
NTE4000T
Dual 3-input plus inverter nor gate
SOIC-14
$0.87
$0.80
NTE4001BT
Quad 2-input nor gate
SOIC-14
0.78
0.72
NTE4002BT
Dual, 4-input nor gate
SOIC-14
0.78
0.72
NTE4007T
Dual, complimentary pair plus inverter
SOIC-14
0.78
0.72
NTE4011BT
Quad, 2-input nand gate
SOIC-14
0.78
0.72
NTE4012BT
Dual, 4-input nand gate
SOIC-14
0.78
0.72
NTE4013BT
Dual, t-type flip-flop
SOIC-14
0.78
0.72
NTE4015BT
Dual, 4-stage static shift register with
SOIC-14
0.99
0.94
serial input/parallel output
NTE4016BT
Quad, bilateral switch for transmission of
SOIC-14
0.85
0.78
multiplexing of digital signals
NTE4020BT
14-stage ripple-carry binary counter/divider
SOIC-16
1.25
1.15
NTE4021BT
8-stage static shift register
SOIC-16
0.99
0.94
NTE4023BT
Triple 3-input nand gate
SOIC-14
0.78
0.72
NTE4025BT
Triple 3-input nor gate
SOIC-14
0.78
0.72
NTE4027BT
Dual J-K master slave flip-flop
SOIC-16
0.92
0.85
NTE4028BT
BCD-to-decimal decoder
SOIC-16
1.16
1.10
NTE4029BT
Presettable up/dpwn counter, binary or
SOIC-16
1.43
1.32
BCD decade decoder
NTE4040BT
12-stage, ripple-carry, binary counter/divider
SOIC-16
0.94
0.86
NTE4042BT
Quad, clocked d-type latch
SOIC-16
1.00
0.92
NTE4043BT
Quad, 3-state, nor R/S latch
SOIC-16
1.03
0.98
NTE4044BT
Quad 3-state, nand R/S latch
SOIC-16
1.03
0.98
NTE4046BT
Phase lock loop (PLL)
SOIC-16
1.07
1.02
NTE4047BT
Low power, monostable/astable multivibrator
SOIC-14
1.00
0.92
NTE4049T
Hex buffer/converter (inverting)
SOIC-16
1.44
1.32
NTE4050BT
Hex buffer/converter (non-inverting)
SOIC-16
0.92
0.87
NTE4051BT
Single, 8-channel analog multiplexer/demultiplexer
SOIC-16
0.94
0.86
NTE4052BT
Differential, 4-channel analog multiplexer
SOIC-16
0.94
0.86
NTE4053BT
Triple, 2-channel analog multiplexer
SOIC-16
0.94
0.86
NTE4060BT
14-stage ripple-carry binary counter/divider and OSC SOIC-16
1.40
1.29
NTE4066BT
Quad, bilateral switch
SOIC-14
0.92
0.85
NTE4068BT
8-input nand/and gate, high voltage type
SOIC-14
0.78
0.72
NTE4069T
Hex inverter, high voltage type
SOIC-14
1.20
1.14
NTE4070BT
Quad exclusive or gate
SOIC-14
0.78
0.72
NTE4071BT
Quad, 2-input or gate
SOIC-14
0.78
0.72
NTE4073BT
Triple, 3-input and gate
SOIC-14
0.78
0.72
NTE4075BT
Triple, 3-input or gate
SOIC-14
0.78
0.72
NTE4077BT
Quad, exclusive nor gate
SOIC-14
0.78
0.72
NTE4093BT
Quad, 2-input nand schmitt trigger
SOIC-14
0.85
0.78
NTE4094BT
8-stage shift and storage bus register
SOIC-16
1.83
1.68
NTE4510BT
Pre-settable up/down BCD convertor
SOIC-16
1.44
1.37
NTE4511BT
BCD-to-seven-segment latch decoder driver
SOIC-16
0.99
0.94
NTE4520BT
Dual up/down binary counter
SOIC-16
1.43
1.36
NTE4528BT
Dual, retriggerable/resettable
SOIC-16
1.40
1.33
monostable multivibrator
NTE4541BT
Programmable timer
SOIC-14
1.40
1.29
NTE40106BT
Hex schmitt trigger
SOIC-14
1.05
0.97
NTE40174BT
Hex, D-type flip-flop
SOIC-16
0.87
0.83
Surface Mount Linear ICs
•One piece per package
Order #
Description
Case
(1-4)
(5-9)
NTE778SM
Dual operational-amp NE4558D
SOIC-8
$1.62
$1.54
NTE832SM
Tone decoder LM567CD CM
SOIC-8
1.81
1.67
NTE834SM
Low power, low offset, quad comparator,
SO1C-14
1.81
1.67
LM339FP, D, M
NTE857SM
Low noise J-FET input operational amp
SOIC-8
1.57
1.44
NTE858SM
Quad low noise J-FET input
SOIC-8
2.23
2.05
operational amp NJM353M
NTE859SM
Quad low noise J-FET input operational amp
SO1C-14
3.42
3.15
NTE891SM
Dual audio operational amp, NJM2068M
SOIC-8
1.30
1.20
NTE918SM
High speed operational amp, LM318M, F
SOIC-8
2.80
2.58
NTE922SM
Voltage comparator, LM311D
SOIC-8
1.19
1.13
NTE927SM
Differential video amp, NE592A, D
SO1C-14
1.71
1.62
NTE928SM
Low power dual operational amp, LM358D, FP, M
SOIC-8
1.66
1.53
NTE941SM
Freq comp operational amp LM741CM
SOIC-8
1.20
1.14
NTE943SM
Low power, low offset, Dual voltage comp,
SOIC-8
1.71
1.57
LM393FP, D, M
NTE948SM
Quad operational amp, LM348D, FP, M
SO1C-14
1.95
1.79
NTE955SM
Monolithic timer, LM555CM, DN1
SOIC-8
1.28
1.22
NTE975SM
General purpose operational amp LM301DN1
SOIC-8
1.81
1.67
NTE978SM
Dual timer, LM556M, DN1
SO1C-14
1.85
1.70
NTE987SM
Quad, low power operational amp, LM324D, FP, M
SO1C-14
1.38
1.27
NTE999SM
Programmable precision reference
SOIC-8
1.24
1.18
output to 36V, LM341ACM
NTE1869SM
3 terminal variable voltage regulator
SOT-89
1.55
1.47
Capacitor Kits
Miniature Radial
Aluminum
Electrolytic
Capacitor Kit
•Kit consists of 90
radial electrolytic, 30
different values, three
of each type •Cabinet
contains 15
compartments with
dividers •Each
drawer clearly labeled
•Values: 1µF/50V,
1µF/160V, 1µF/250V, 2.2µF/50V, 4.7µF/50V,
4.7µF/160V, 10µF/16V, 10µF/25V, 10µF/35V, 10µF/50V,
10µF/100V, 10µF/160V, 10µF/250V, 10µF/350V,
47µF/25V, 47µF/50V, 47µF/100V, 100µF/16V,
100µF/25V, 100µF/35V, 100µF/50V, 100µF/100V,
100µF/250V, 220µF/25V, 220µF/50V, 330µF/25V,
470µF/16V, 470µF/25V, 470µF/50V, 1000µF/16V
Order #
(kit)
102-027
$42.99
Mylar Capacitor Assortment
Contains 200 short lead mylar capacitors.
Voltages and values will vary. Voltages range from
50~630VDC. Values range from .001MFD~.47MFD.
Order #
(kit)
102-029
$7.37
Surface Mount Electrolytic Capacitor Kits
•SMD type electrolytic capacitors •Packed
in a compartmentalized storage case
•#102-066 contains: 6.3V (3 each): 33µF, 47µF,
100µF, 220µF and (6 each) 22µF 10V (3 each):
22µF, 33µF, 47µF, 220µF and (6 each) 100µF
•#102-067 contains: 16V (3 each): 10µF, 22µF,
33µF, 47µF, 100µF and 220µF 25V (3 each): 4.7µF,
10µF, 22µF, 33µF, 47µF and 100µF
•#102-068 contains: 35V (3 each): 2.2µF, 3.3µF,
4.7µF, 6.8µF, 10µF and 22µF 50V (3 each): .10µF,
.22µF, .33µF, .47µF, .68µF, 1µF, 2.2µF, 3.3µF, 4.7µF
and 10µF
Order #
(kit)
102-066
$34.87
102-067
34.87
102-068
36.40
Capacitor Kits
Electrolytic
Capacitor
Assortment
Contains 75 radial
and axial short lead
capacitors. Voltages
and values will vary.
Voltages range from
6.3V~50V. Values
range from .1MFD~470MFD.
Order #
(kit)
102-030
$7.37
Ceramic Disc
Capacitor Assortment
200 short lead ceramic disc
capacitors. Voltages and
values will vary. Voltages
range from 16~1000V.
Values range from 1pF~.1MFD.
Order #
(kit)
102-028
$7.48
C52_pg_354
8/14/07
12:46 PM
Page 354



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com