Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU508DF Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # BU508DF
Description  SEMICONDUCTORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BU508DF Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button BU508DF Datasheet HTML 15Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 16Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 17Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 18Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 19Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 20Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 21Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 22Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
355
Order Toll Free
1-800-543-4330,
FAX
1-800-765-6960
355
Order Toll Free
1-800-543-4330
Fax
1-800-765-6960
NET 30
Terms
Semiconductors/
Components
section
16
Ultra–Mini Electrolytic
Capacitor Kits
•Ultra–mini radial electrolytic capacitors •Packed in
a durable storage case •#102-063 contains: 6.3V
(5 each): 10µF, 22µF, 33µF, 47µF, 100µF, 220µF and
330µF 10V (5 each): 22µF, 33µF, 47µF, 100µF and
220µF •#102-064 contains: 16V (5 each): 4.7µF,
10µF, 22µF, 33µF and 47µF 25V (5 each): 3.3µF,
4.7µF, 10µF, 22µF, 33µF, 47µF and 100µF •#102-065
contains: 35V (5 each): 2.2µF, 3.3µF, 4.7µF, 10µF,
22µF, 33µF and 47µF 50V (5 each): .1µF, .22µF,
.33µF, .47µF, 1.0µF, 2.2µF, 3.3µF, 4.7µF, 10µF, 22µF
and 33µF
Order #
(kit)
102-063
$31.71
102-064
31.71
102-065
31.71
Capacitor Kits
Order your capacitors
in kits for convenience
and value. Features:
•Each kit contains
the top 30 most popular
voltages and values •Cabinets
stack together to build a component
storage center •One piece frame is lightweight
and virtually unbreakable •Keyhole slots for
wall mounting •Frame measures 91⁄8" W x 71⁄2" H x
61⁄2" D •Contains 15 drawers, each divided in half
•All values are radial lead except where noted
•An asterick denotes axial lead
Order # Contents
(1-4)
High Voltage Aluminum Electrolytic
CK-02
1 each of: 160V: 1.0, 2.2, 3.3, 4.7,
$44.95
10, 22, 33, 47, 100*,100µF;
250V: 1.0, 2.2, 3.3, 4.7, 10, 22, 33, 47µF;
350V: 1.0, 2.2, 3.3, 4.7*, 10, 33, 47,100µF;
450V: 1.0,4.7,10*,10µF
Non-Polarized Aluminum Electrolytic
CK-03
2 each of: 25V:4.7,10µF;
44.95
50V: 1.0, 1.0*, 2.2, 2.2*, 3.3, 3.3*,
4.7, 4.7*, 10, 10*, 22, 22*, 47, 47*µF;
100V: 1.0*, 2.2, 2.2*, 3.3,3.3*, 4.7, 4.7*,
10, 10*, 22*, 33, 33*, 47*, 100*µF
1000V Ceramic Disc
CK-06
4 each of: 3.3, 5.0, 6.8, 10, 15, 18, 20,
36.95
22, 39, 47 ,56, 68, 100, 150, 180, 220,330,
470, 500, 560, 680,1000, 1500, 2200, 4700,
5000, 10000, 47000, 50000, 100000pF
Mylar/Film
CK-07
1 each of: 50V: .01, .1µF;
47.95
100V: .001, .01, .022, .033, .047, .1, .22, .47µF;
250V: 047, .1, .33, 1.0,1.5µF;
400V: .01, .1µF;
630V: .001, .0033, .0047, .01, .015,
.022, .047, .05, .068, .1, .15,.22, .47µF
High Temperature
105° C Radial
Electrolytic
Capacitor Kits
Popular
high-temperature
capacitors are now
available in kits for
added convenience
and savings!
Purchase the caps
separately in 6.3V and
your cost is $37.80, but purchase the kit at $24.95
and you'll save $12.85! Each kit is packaged
in a 15-compartment rugged case with an attached
clip for convenient hanging/storage. Capacitors are
miniature, same size or smaller than 85°C radials.
Order #
Voltage
Contents
(kit)
31-9525
6.3
5 each of 47, 100, 220,
$24.95
330, 470, 1000, 1500 µF
2 each of 2200, 3300,
4700 µF
31-9530
10
5 each of 47, 100, 220,
24.95
330, 470, 1000, 1500 µF
2 each of 2200, 3300 µF
1 each of 4700 µF
31-9535
16
5 each of 33, 47, 100,
24.95
220, 330, 470, 1000 µF
2 each of 1500, 2200 µF
1 each of 3300, 4700 µF
31-9540
25
5 each of 10, 22, 33, 47,
24.95
100, 220, 330, 470 µF
2 each of 1000, 1500 µF
1 each of 2200 µF
31-9545
35
5 each of 4.7, 10, 22, 33,
24.95
47, 100, 220, 330 µF
2 each of 470, 1000 µF
1 each of 2200 µF
31-9550
50
5 each of .1, .22, .33, .
24.95
47, 1.0, 2.2, 3.3, 4.7,
10, 22, 33, 47, 100 µF
2 each of 220 µF
31-9555
63
5 each of 10, 22, 33,
24.95
47, 100, 220, 330 µF
2 each of 470, 1000 µF
31-9560
100
5 each of .1, .22, .33, .
24.95
47, 1.0, 2.2, 3.3, 4.7, 10 µF
3 each of 22, 33, 47, 100 µF
31-9565
160
5 each of .47, 1.0,
24.95
2.2, 3.3, 4.7, 10 µF
3 each of 22, 33 µF
2 each of 47, 100 µF
31-9570
200
5 each of .47, 1.0,
24.95
2.2, 3.3, 4.7, 10 µF
3 each of 22, 33 µF
2 each of 47, 100 µF
31-9575
250
5 each of .47, 1.0,
24.95
2.2, 3.3, 4.7 µF
2 each of 10, 22, 33, 47, 100 µF
31-9580
350
5 each of .47, 1.0, 2.2 µF
24.95
3 each of 3.3, 4.7 µF
2 each of 10, 22, 33 µF
31-9585
450
5 each of 1.0, 2.2 µF
24.95
2 each of 3.3, 4.7 µF
1 each of 10, 22, 33 µF
High Temperature
105° C, Low ESR,
High Frequency
Radial Electrolytic
Capacitor Kits
Don’t miss the savings!
Low ESR capacitors are
now available in kits.
Save a bundle when
purchasing the kits
versus the individual caps. Purchase the caps
separately in 50V and your cost is $76.27, but
purchase the kit at $37.50 and you'll save $38.77!
Each kit is packaged in a 15-compartment rugged case
with an attached clip for convenient hanging/storage.
Order # Voltage
Contents
(kit)
31-9590
6.3
5 each of 100, 150,
$35.95
180, 220, 270 MFD
3 each of 330, 390,
470, 560, 680 MFD
2 each of 820, 1000,
1500, 2200 MFD
31-9595
10
5 each of 100, 150,
37.95
220, 270, 330 MFD
3 each of 390, 470,
560, 680, 820 MFD
2 each of 1000,
1500, 2200 MFD
31-9600
16
5 each of 47, 68,
35.95
100, 150, 220 MFD
3 each of 330, 470,
680, 1000 MFD
2 each of 1500, 2200 MFD
31-9605
25
5 each of 33, 47, 68, 100 MFD 35.95
3 each of 150, 220, 330 MFD
2 each of 470, 680, 820,
1000, 1500 MFD
31-9610
35
5 each of 22, 33, 47, 68 MFD
35.95
3 each of 100, 150,
220, 330, 470 MFD
1 each of 680, 820,
1000, 1500 MFD
31-9615
50
5 each of 1.0, 2.2, 3.3,
37.50
4.7, 10, 22, 33 MFD
3 each of 47, 68, 100, 150 MFD
2 each of 220, 330 MFD
1 each of 470, 1000 MFD
31-9620
63
5 each of 10, 15,
36.95
22, 33, 47 MFD
3 each of 68, 100, 150,
220, 330, 470 MFD
31-9625
100
5 each of .47, 1.0, 1.5, 2.2,
36.95
3.3, 4.7, 6.8, 10 MFD
3 each of 15, 22, 33, 39 MFD
2 each of 47, 100 MFD
31-9630
160
5 each of 1.0, 2.2,
37.95
3.3, 4.7, 10 MFD
3 each of 22, 33 MFD
2 each of 47, 68, 100 MFD
31-9635
200
5 each of 1.0, 2.2,
36.95
3.3, 4.7, 10 MFD
3 each of 22, 33 MFD
2 each of 47, 82 MFD
31-9640
250
5 each of 1.0, 2.2, 3.3,
38.95
4.7, 10 MFD
3 each of 15, 22, 33, 47 MFD
31-9645
350
5 each of 1.0, 2.2,
37.95
3.3, 4.7 MFD
3 each of 10, 22, 33, 47 MFD
31-9650 400/450 400V: 2 each of 1.0,
36.95
2.2, 3.3, 4.7 MFD
1 each of 10, 22 MFD
450V: 2 each of 1.0,
2.2, 3.3, 4.7 MFD
1 each of 10, 22 MFD
Radial Dipped Tantalum Capacitors
•Sorry-no mixing of
values for quantity
pricing •Sizes and
color may vary by
manufacturer
•Featuring quality
manufacturers AVX,
Kemet and Vishay
Order #
µF
(1-4)
(5-9)
(10-24)
50 Volts
31-0600
.1
$1.40
$1.31
$1.17
31-0610
.22
1.40
1.27
1.14
31-0620
.47
1.83
1.67
1.49
31-0625
.68
1.00
0.94
0.83
31-0635
1.5
2.33
2.18
1.95
31-0640
2.2
3.00
2.73
2.43
31-0645
3.3
3.67
3.33
2.97
31-0650
4.7
3.67
3.33
2.97
31-0655
6.8
5.67
5.30
4.73
35 Volts
31-0665
15
5.67
5.56
5.39
Electronics Pocket Reference
(3rd Edition)
Filled with definitions, formulas,
tables and diagrams that supply
helpful solutions to electronic
problems. 550 pages, soft cover.
Order #
(ea.)
81-3157
$29.95
Capacitor Kits
C52_pg_355
8/16/07
11:27 AM
Page 355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com