Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU508DF Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # BU508DF
Description  SEMICONDUCTORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BU508DF Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button BU508DF Datasheet HTML 23Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 24Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 25Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 26Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 27Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 28Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 29Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 30Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 31Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 31 / 31 page
background image
367
Order Toll Free
1-800-543-4330,
FAX
1-800-765-6960
367
Order Toll Free
1-800-543-4330
Fax
1-800-765-6960
NET 30
Terms
Semiconductors/
Components
section
16
3 Watt Precision Wirewound Potentiometer
•10 turn •7⁄8" round case •Shaft dimensions: 7⁄8" (L) x
1
⁄4" (dia.) •Stainless steel shaft •Permanickel contact
•Gold plated terminals •Precision winding with
excellent linearity •Operating temperature:
-55°C~+125°C •Sorry–no mixing of values for
quantity pricing
Value
Order #
Spectrol #
(ohm)
(1-9) (10-24) (25-49)
502-0102 534-1-1-501
500
$12.49 $12.19 $11.89
502-0103 534-1-1-102
1K
12.49
12.19
11.89
502-0104 534-1-1-202
2K
12.49
12.19
11.89
502-0105 534-1-1-502
5K
12.49
12.19
11.89
502-0106 534-1-1-103
10K
12.49
12.19
11.89
502-0107 534-1-1-203
20K
12.49
12.19
11.89
502-0108 534-1-1-503
50K
14.95
14.49
13.95
502-0109 534-1-1-104
100K
16.39
15.49
14.79
1
⁄4 Watt
Audio Taper
Potentiometers
•Shaft dimensions:
1" (L) x 9⁄32" (dia)
$1.15 (ea.)
Order #
ohm
28-10810
1K
28-10815
5K
28-10820
10K
28-10825
20K
28-10830
50K
Order #
ohm
28-10835
100K
28-10840
250K
28-10845
500K
28-10850
1M
Potentiometers
with SPST Switch
•Visit www.mcmelectronics.com
for detailed specifications.
Order #
Description
(ea.)
28-10855
1
⁄4W, 5Kohm, audio taper
$1.99
28-10860
1
⁄4W, 10Kohm, audio taper
1.99
28-10865
1
⁄2W, 5Kohm, linear taper
1.99
28-10870
1
⁄2W, 10Kohm, linear taper
1.99
1
⁄2 Watt Potentiometers
•Linear taper •Shaft
dimensions: 1" (L) x 9⁄32" (dia)
Order #
ohm
28-0675
1K
28-0678
5K
28-0680
10K
Order #
ohm
28-0683
20K
28-0685
50K
28-0688
100K
Order #
ohm
28-0690
250K
28-0693
500K
28-0695
1M
$1.14 (ea.)
1
⁄2 Watt Vertical
Potentiometers
•Sorry-no mixing of
values for quantity pricing
Order #
ohm
28-420
100
28-425
200
28-435
500
28-438
1K
Order #
ohm
28-445
5K
28-450
10K
28-463
100K
$0.37(1-9) . . . . . . .$0.33(10-99) . . . . . .$0.28(100-up)
$0.37(1-9) . . . . . . .$0.33(10-99) . . . . . . .$0.28(100-up)
1
⁄2 Watt Horizontal
Potentiometers
•Sorry-no
mixing of values
for quantity pricing
Order #
ohm
28-490
5K
28-493
10K
28-500
100K
Order #
ohm
28-503
250K
28-505
500K
Spectrol Trimmer -
3
⁄4" Rectangular
Multiturn Cermet
•Multifinger wiper for better contact resistance
variation •Unique “T” slider block for excellent
stability and setability •Chevron shaft for sealing
and smooth consistent torque •IC style pins for
easier board insertion
Order #
Spectrol #
Ohm
(1-4)
(5-9)
500-0004
43P-101
100
$1.39
$1.29
500-0007
43P-102
1K
1.39
1.29
500-0008
43P-202
2K
1.39
1.29
500-0009
43P-502
5K
1.39
1.29
500-0010
43P-103
10K
1.39
1.29
500-0011
43P-203
20K
1.39
1.29
500-0013
43P-503
50K
1.39
1.29
500-0014
43P-104
100K
1.39
1.29
Spectrol Trimmer –
3
⁄8" Square Single
Turn Cermet
•Multifinger wiper for better contact resistance
•Arrow and graduations for repeatable settings
•“O” ring seal for solvent and aqueous washing
•IC style pins for easier board insertion •Solid
end stop •63P are top adjust, 63X are side adjust
Fig.
Order #
Spectrol #
Ohm
(1-4)
(5-9)
A
500-0073
63P-101
100
$1.05
$0.99
A
500-0076
63P-102
1K
1.05
0.99
A
500-0078
63P-502
5K
1.05
0.99
A
500-0079
63P-103
10K
1.05
0.99
A
500-0083
63P-104
100K
1.05
0.99
A
500-0086
63P-504
500K
1.05
0.99
B
500-0368
63X-101
100
1.05
0.99
B
500-0371
63X-102
1K
1.05
0.99
B
500-0372
63X-202
2K
1.05
0.99
B
500-0373
63X-502
5K
1.05
0.99
B
500-0374
63X-103
10K
1.05
0.99
B
500-0375
63X-203
20K
1.05
0.99
B
500-0378
63X-104
100K
1.05
0.99
A
B
Spectrol
Trimmer –
3
⁄8" Square Multi Turn Cermet
•Multifinger precious metal wiper for long term
set point stability •Central pivot locating gear for
improved stability •Unique ratchet device integral
with gear to ensure long term reliability •Double
chevron shaft for sealing plus consistent torque
and reliable adjustability •IC style pins for easier
board insertion •64W and 64Y are top adjust,
64X are side adjust
Fig. Order #
Spectrol #
Ohm
(1-4)
(5-9)
A
500-0194
64W500
50
$2.05
$1.89
A
500-0195
64W-101
100
2.05
1.89
A
500-0197
64W501
500
2.05
1.89
A
500-0198
64W-102
1K
2.05
1.89
A
500-0199
64W-202
2K
2.05
1.89
A
500-0200
64W-502
5K
2.05
1.89
A
500-0201
64W-103
10K
2.05
1.89
A
500-0202
64W-203
20K
2.05
1.89
A
500-0203
64W-253
25K
2.05
1.89
A
500-0204
64W503
50K
2.05
1.89
A
500-0205
64W-104
100K
2.05
1.89
B
500-0217
64X500
50
2.05
1.89
B
500-0218
64X-101
100
2.05
1.89
B
500-0221
64X-102
1K
2.05
1.89
B
500-0222
64X-202
2K
2.05
1.89
B
500-0223
64X-502
5K
2.05
1.89
B
500-0224
64X-103
10K
2.05
1.89
B
500-0226
64X-253
25K
2.05
1.89
B
500-0228
64X-104
100K
2.05
1.89
C
500-0243
64Y-101
100
2.05
1.89
C
500-0246
64Y-102
1K
2.05
1.89
C
500-0248
64Y-502
5K
2.05
1.89
C
500-0249
64Y-103
10K
2.05
1.89
C
500-0252
64Y503
50K
2.05
1.89
C
500-0253
64Y-104
100K
2.05
1.89
A
B
C
Spectrol Trimmer –
1
⁄4" Square Single Turn Cermet
•Top adjust •Multifinger wiper for
better contact resistance •Withstands immersion
cleaning process •Graduations for easier setting
•Rotor design for automatic adjustment
Value
Order #
Spectrol #
Ohm
(1-4)
(5-9)
500-0343
76P-101
100
$1.75
$1.49
500-0346
76P-102
1K
1.75
1.49
500-0348
76P-502
5K
1.75
1.49
500-0349
76P-103
10K
1.75
1.49
500-0352
76P-104
100K
1.75
1.49
2 Watt Potentiometers
•Linear taper •1⁄4" diameter shaft •Hot molded
carbon element •Gold plated terminals •Stainless
steel shaft and housing •Meets or exceeds
specifications of MIL-R–QPL listed •Operating
temperature: -65°C~+125°C •Sorry–no mixing
of values for quantity pricing
Value
Shaft
Order #
PEC #
(ohm)
Length
501-0002
KU1011S28
100
7
⁄8"
501-0003
KU2511S28
250
7
⁄8"
501-0004
KU5011S28
500
7
⁄8"
501-0005
KU1021S28
1K
7
⁄8"
501-0006
KU2021S28
2K
7
⁄8"
501-0007
KU2521S28
2.5K
7
⁄8"
501-0009
KU5021S28
5K
7
⁄8"
501-0010
KU1031S28
10K
7
⁄8"
501-0012
KU2531S28
25K
7
⁄8"
501-0014
KU5031S28
50K
7
⁄8"
501-0015
KU1041S28
100K
7
⁄8"
501-0017
KU2541S28
250K
7
⁄8"
501-0018
KU5041S28
500K
7
⁄8"
501-0019
KU1051S28
1M
7
⁄8"
501-0034
KU1021S64
1K
2"
501-0038
KU5021S64
5K
2"
501-0039
KU1031S64
10K
2"
(1-9)
(10-24)
(25-49)
(50-99)
(100-up)
$9.29
$8.39
$7.95
$7.59
$7.29
C52_pg_367
8/14/07
12:40 PM
Page 367



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com