Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC05-B Datasheet(PDF) 11 Page - STMicroelectronics

Part # STCC05-B
Description  HOME APPLIANCE CONTROL CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC05-B Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STCC05-B Datasheet HTML 5Page - STMicroelectronics STCC05-B Datasheet HTML 6Page - STMicroelectronics STCC05-B Datasheet HTML 7Page - STMicroelectronics STCC05-B Datasheet HTML 8Page - STMicroelectronics STCC05-B Datasheet HTML 9Page - STMicroelectronics STCC05-B Datasheet HTML 10Page - STMicroelectronics STCC05-B Datasheet HTML 11Page - STMicroelectronics STCC05-B Datasheet HTML 12Page - STMicroelectronics STCC05-B Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
STCC05-B
11/13
Finally, the opto-coupler could be connected directly in high side mode between the SYN and the VDD
pins: the ZVS signal is then made of high level pulses synchronized with the zero crossing. However, the
coupler could be connected in low side mode with an external 10k pull-up resistor to VDD: the ZVS is now
inverted with low level pulses.
Figure 18: ZVS circuit operation with an opto-coupler
Figure 19: Ordering Information Scheme
I
OPTO
V
AC
V
ZVS
V
SYN
I
OPTO
V
AC
V
ZVS
V
SYN
V
SYN
V
AC
V
DD
SYN
ZVS
V
DD
S
1
S
2
Q
20µs FILTER
COM
100 k
Ω
25 k
Ω
V
ZVS
R
UP
10 k
Ω
V
SYN
V
AC
V
DD
SYN
ZVS
V
DD
S
1
S
2
Q
20µs FILTER
COM
100 k
Ω
25 k
Ω
V
ZVS
STCC
X
-
B
Z
Circuit configuration and
related application
Typical power supply voltage
Package
05 = Air conditioner control
B = 12V
D4 = DIP-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com