Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC05-B Datasheet(PDF) 12 Page - STMicroelectronics

Part # STCC05-B
Description  HOME APPLIANCE CONTROL CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC05-B Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STCC05-B Datasheet HTML 5Page - STMicroelectronics STCC05-B Datasheet HTML 6Page - STMicroelectronics STCC05-B Datasheet HTML 7Page - STMicroelectronics STCC05-B Datasheet HTML 8Page - STMicroelectronics STCC05-B Datasheet HTML 9Page - STMicroelectronics STCC05-B Datasheet HTML 10Page - STMicroelectronics STCC05-B Datasheet HTML 11Page - STMicroelectronics STCC05-B Datasheet HTML 12Page - STMicroelectronics STCC05-B Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
STCC05-B
12/13
Figure 20: DIP-20 Package Mechanical Data
D
e3
Z
I
b1
E
F
a1
L
b
e
B
11
20
10
1
Table 6: Ordering Information
Part Number
Marking
Package
Weight
Base qty
Delivery
mode
STCC05-BD4
STCC05-B
DIP-20
1.4 g
20
Tube
Table 7: Revision History
Date
Revision
Description of Changes
05-Oct-2004
1
First issue
REF.
DIMENSIONS
Millimetres
Inches
Min.
Typ. Max. Min.
Typ. Max.
a1
0.508
0.020
B
1.39
1.65 0.055
0.065
b
0.45
0.018
b1
0.25
0.010
D
25.4
1.000
E
8.5
0.335
e
2.54
0.100
e3
22.86
0.900
F
7.1
0.279
I
3.93
0.155
L
3.3
0.130
Z
1.34
0.053



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com