Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC05-B Datasheet(PDF) 2 Page - STMicroelectronics

Part # STCC05-B
Description  HOME APPLIANCE CONTROL CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC05-B Datasheet(HTML) 2 Page - STMicroelectronics

  STCC05-B Datasheet HTML 1Page - STMicroelectronics STCC05-B Datasheet HTML 2Page - STMicroelectronics STCC05-B Datasheet HTML 3Page - STMicroelectronics STCC05-B Datasheet HTML 4Page - STMicroelectronics STCC05-B Datasheet HTML 5Page - STMicroelectronics STCC05-B Datasheet HTML 6Page - STMicroelectronics STCC05-B Datasheet HTML 7Page - STMicroelectronics STCC05-B Datasheet HTML 8Page - STMicroelectronics STCC05-B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
STCC05-B
2/13
FUNCTIONAL DESCRIPTION
The STCC05 is a control circuit embedding most of the analog & power circuitry of an air conditioner or
refrigirator control module. It interfaces the micro-controller MCU with the AC power and cooling process
sections.
■ The voltage supply
The 5V voltage regulator supplies the micro-controller MCU. Its input voltage ranges from 7V to 18V; and
its average DC output current up to 50mA. With an output filtering capacitor of 100µF, its output voltage
accuracy is better than +/- 5% in the whole operating range of the ambient temperature TAMB, the load
current IDD and the input voltage VPS , contributing directly to the ADC accuracy.
The regulator includes also an over current limiter and a thermal shutdown. The over current limiter pro-
tects the regulator against output short circuits and inrush currents during the power up. The current limiter
is made of a serial shunt resistance as current sensor and a circuit that regulates the input current. More-
over, the thermal shutdown protects the whole circuit against overload operations. It is made of a thermal
sensing junction and a hysteresis comparator that is able to switch off the passing element.
Figure 2. Block diagram
Figure 3. Pin-out connections
RL4
IN4
IN3
IN2
IN1
RL3
RL2
RL1
BZ2
ENBZ
INBZ
VDD
RST\
ZVS
BZ1
VPS
COM
SYN
INS
OUTS
VPS
20A RELAY
DRIVER
RELAY DRIVER
RELAY DRIVER
RELAY DRIVER
5V REGULATOR
BUZZER
DRIVER
VPS
VPS
VPS
VPS
VPS
30µs FILTER
EMI FILTER
ZERO VOLTS SYNC.
RESET
LEVEL SHIFTER
VPS
INS
RL1
OUTS
RL2
RL3
RL4
BZ1
BZ2
ENBZ
SYN
/RST
IN3
IN4
INBZ
COM
IN1
IN2
ZVS
VDD
1
2
3
4
5
6
7
8
9
10
13
12
11
16
15
14
17
18
19
20
1.25 V
Reference
VPS
VDD
R
1
R
2
Over current
Limiter
R
SENSE
Thermal
Shutdown
V
H = 3.75 V
V
L = 3.40 V
VDD
/RST
V
DD
VH
VL
C
UP =
100nF
RESET
V
DD
3k
Ω
6k
Ω
V
DD
R
UP > 100kΩ
MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com