Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC05-B Datasheet(PDF) 4 Page - STMicroelectronics

Part # STCC05-B
Description  HOME APPLIANCE CONTROL CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC05-B Datasheet(HTML) 4 Page - STMicroelectronics

  STCC05-B Datasheet HTML 1Page - STMicroelectronics STCC05-B Datasheet HTML 2Page - STMicroelectronics STCC05-B Datasheet HTML 3Page - STMicroelectronics STCC05-B Datasheet HTML 4Page - STMicroelectronics STCC05-B Datasheet HTML 5Page - STMicroelectronics STCC05-B Datasheet HTML 6Page - STMicroelectronics STCC05-B Datasheet HTML 7Page - STMicroelectronics STCC05-B Datasheet HTML 8Page - STMicroelectronics STCC05-B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
STCC05-B
4/13
■ The buzzer driver with enable control
The MCU can excite a warning buzzer with a 50% PWM signal. The buzzer driver amplifies this signal in
current and translates it from the 5V MCU output to the VPS supply to produce the right sound level from
the buzzer.
The output stage is made of a NPN transistor, a PNP transistor and two 1k
Ω resistors.
The NPN transistor, referred to the power ground COM, is controlled by the input INBZ; its collector is con-
nected to the output BZ1. The input INBZ is driven by a simple push-pull MCU buffer.
The PNP transistor, referred to the VPS polarity, is controlled by the input ENBZ; and its collector is con-
nected to the output BZ2 through a 1k
Ω resistor. The input ENBZ is driven by a simple push-pull MCU
buffer.
The pin BZ2 is the supply terminal of the buzzer; and the circuit has a DC current rating of 9mA and the
PWM section runs from 10Hz up to 5kHz.
A 1k
Ω resistor RBZ is connected between the BZ1 and BZ2 pins to discharge the buzzer periodically. More-
over, the addition of an external capacitor-resistor network on BZ2 pin will allow the buzzer to turn on and
off smoothly when the pin ENBZ is toggling.
■ The speed sensor level shifter
The OUTS signal is generated by an electronic signal such as the indoor fan speed clock issued of a Hall
Effect sensor or a door switch signal and is transmitted to the MCU. As the INS input may be disturbed; a
spike suppressor and a simple EMI filter are added to increase the input robustness. The output signal
OUTS is not inverted with respect to the input signal INS.
Demagnetizing Diode
Relay
Transistor
V
PS
IN
I
RL
I
V
IN
10 k
Ω
4k
Ω
BZ
1
BZ
2
V
PS
EN
BZ
IN
BZ
V
IN
R
OH =1kΩ
R
BZ= 1kΩ
10 k
Ω
OUTS
INS
V
DD
EMI
Filter
50 k
Ω
V
DD
500
Ω
50 k
Ω
50 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com