Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V51-E/MS Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP6V51-E/MS
Description  45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V51-E/MS Datasheet(HTML) 5 Page - Microchip Technology

  MCP6V51-E/MS Datasheet HTML 1Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 2Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 3Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 4Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 5Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 6Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 7Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 8Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
 2018 Microchip Technology Inc.
DS20006136A-page 5
MCP6V51
Maximum Output Voltage Swing
VOH
VDD -150
VDD - 100
—
mV
RL =1 kΩ, VDD = 4.5V
VDD - 2500 VDD -1500
—
RL =1 kΩ, VDD = 45V
VDD -20
VDD -12
—
RL =10 kΩ, VDD = 4.5V
VDD -200
VDD - 100
—
RL =10 kΩ, VDD = 45V
Output Short Circuit Current
ISC+
—46
—
mA
ISC-
—36
—
mA
Closed-loop Output Resistance
ROUT
—16
—
Ω
f= 0.1 MHz, IO =0,
G= 1
Capacitive Load Drive
CL
—100
—
pF
G = 1
Power Supply
Supply Voltage
VDD
4.5
—
45
V
Quiescent Current per Amplifier
IQ
310
460
590
µA
VDD = 4.5V, IO =0
310
470
590
µA
VDD = 45V, IO =0
—
540
670
µA
IO =0,
TA = -40 to +125°C
(Note 1)
(Figure 2-22)
Power-on Reset (POR) Trip
Voltage
VPOR
—2.3
—
V
DC ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +4.5V to +45V, VSS = GND,
VCM =VDD/3, VOUT =VDD/2, VL =VDD/2, RL =10kΩ to VL and CL = 100 pF (refer to Figure 1-4 and Figure 1-5).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Not production tested. Limits set by characterization and/or simulation and provided as design guidance
only.
2:
Figure 2-17 shows how VCML and VCMH changed across temperature for the first production lot.
AC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +4.5V to +45V, VSS = GND,
VCM =VDD/3, VOUT =VDD/2, VL =VDD/2, RL =10kΩ to VL and CL = 100 pF (refer to Figure 1-4 and Figure 1-5).
Parameters
Sym.
Min.
Typ. Max.
Units
Conditions
Amplifier AC Response
Gain Bandwidth Product
GBWP
—
1.8
—
MHz
VDD = 4.5V, VIN = 10 mVpp, Gain = 100
—2
—
MHz
VDD = 45V, VIN =10mVpp, Gain = 100
Slew Rate
SR
—
1.2
—
V/µs
(Figure 2-44)
Phase Margin
PM
—
66
—
deg.
VDD = 45V
Amplifier Noise Response
Input Noise Voltage
Eni
—0.1
—
µVP-P f=0.01 Hz to 1 Hz
Eni
—0.21
—
µVP-P f = 0.1 Hz to 10 Hz
Input Noise Voltage Density
eni
—10.2
—
nV/√Hz f = 1 kHz
Input Noise Current Density
ini
—4
—
fA/√Hz
Amplifier Step Response
Start-Up Time
tSTR
—
200
—
µs
G = +1, 1% VOUT settling (Note 1)
Offset Correction Settling Time
tSTL
—45
—
µs
G = +1, VIN step of 2V,
VOS within ±100 µV of its final value
Note 1:
Behavior may vary with different gains; see Section 4.3.3 “Offset at Power-Up”.
2:
tSTL and tODR include some uncertainty due to clock edge timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com