Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V51-E/MS Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP6V51-E/MS
Description  45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V51-E/MS Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP6V51-E/MS Datasheet HTML 8Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 9Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 10Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 11Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 12Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 13Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 14Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 15Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
MCP6V51
DS20006136A-page 12
 2018 Microchip Technology Inc.
Note: Unless otherwise indicated, TA =+25°C, VDD = +4.5V to +45V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =10kΩ to VL and CL = 100 pF.
2.2
Other DC Voltages and Currents
FIGURE 2-17:
Input Common Mode
Voltage Headroom (Range) vs. Ambient
Temperature.
FIGURE 2-18:
Output Voltage Headroom
vs. Output Current.
FIGURE 2-19:
Output Voltage Headroom
vs. Ambient Temperature.
FIGURE 2-20:
Output Voltage Headroom
vs Temperature RL = 10 kΩ.
FIGURE 2-21:
Output Short Circuit Current
vs. Power Supply Voltage.
FIGURE 2-22:
Supply Current vs. Power
Supply Voltage.
-0.5
0
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
Upper (V
DD -VCMH)
Lower (V
CML -VSS)
1
10
100
1000
0.1
1
10
Output Current Magnitude (mA)
V
DD = 45V
V
DD = 4.5V
V
DD -VOH
V
OL -VSS
0
500
1000
1500
2000
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
V
DD -VOH
V
DD = 45V
V
OL -VSS
V
DD = 4.5V
R
L = 1 k
0
50
100
150
200
-50
-25
0
255075
100
125
Ambient Temperature (°C)
V
OL -VSS
V
DD -VOH
V
DD = 45V
V
DD = 4.5V
R
L = 10 k
-60
-40
-20
0
20
40
60
80
0
5
10
15
20
25
30
35
40
45
Power Supply Voltage (V)
T
A = +125°C
T
A = +85°C
T
A = +25°C
T
A = -40°C
0
100
200
300
400
500
600
700
0
1020304050
Power Supply Voltage (V)
T
A = +125°C
T
A = +85°C
T
A = +25°C
T
A = -40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com