Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V51-E/MS Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP6V51-E/MS
Description  45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V51-E/MS Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP6V51-E/MS Datasheet HTML 5Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 6Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 7Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 8Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 9Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 10Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 11Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 12Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
 2018 Microchip Technology Inc.
DS20006136A-page 9
MCP6V51
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA =+25°C, VDD = +4.5V to +45V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =10kΩ to VL and CL = 100 pF.
2.1
DC Input Precision
FIGURE 2-1:
Input Offset Voltage.
FIGURE 2-2:
Input Offset Voltage Drift.
FIGURE 2-3:
Input Offset Voltage vs.
Power Supply Voltage.
FIGURE 2-4:
Input Offset Voltage vs.
Output Voltage with VDD =4.5V.
FIGURE 2-5:
Input Offset Voltage vs.
Output Voltage with VDD =45V.
FIGURE 2-6:
Input Offset Voltage vs.
Common Mode Voltage with VDD =4.5V
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0%
5%
10%
15%
20%
25%
30%
35%
-10
-8
-6
-4
-2
02468
10
Input Offset Voltage (μV)
7611 Samples
T
A = 25ºC
V
DD = 4.5V
V
DD = 45V
0%
5%
10%
15%
20%
25%
30%
35%
40%
-18 -15 -12 -9
-6
-3
0369
12
15
18
Input Offset Voltage Drift; TC
1 (nV/°C)
22 Samples
T
A = -40°C to +125°C
V
DD = 4.5V
V
DD = 45V
-20
-15
-10
-5
0
5
10
15
20
0
5
10
15
20
25
30
35
40
45
Power Supply Voltage (V)
T
A = +85°C
T
A = +125°C
T
A = +25°C
T
A = -40°C
-8
-6
-4
-2
0
2
4
6
8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Output Voltage (V)
Representative Part
V
DD = 4.5V
T
A = +125°C
T
A = +85°C
T
A = +25°C
T
A = - 40°C
-8
-6
-4
-2
0
2
4
6
8
-1
4
9
14
19
24
29
34
39
44
Output Voltage (V)
Representative Part
V
DD = 45V
T
A = +125°C
T
A = +85°C
T
A = +25°C
T
A = - 40°C
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
-0.3 0.0 0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4
Common Mode Input Voltage (V)
T
A = +125°C
T
A = +85°C
T
A = +25°C
T
A = - 40°C
V
DD = 4.5V
Representative Part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com