Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V51-E/MS Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP6V51-E/MS
Description  45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V51-E/MS Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP6V51-E/MS Datasheet HTML 9Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 10Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 11Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 12Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 13Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 14Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 15Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 16Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
 2018 Microchip Technology Inc.
DS20006136A-page 13
MCP6V51
Note: Unless otherwise indicated, TA =+25°C, VDD = +4.5V to +45V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =10kΩ to VL and CL = 100 pF.
2.3
Frequency Response
FIGURE 2-23:
CMRR and PSRR vs.
Frequency.
FIGURE 2-24:
Open-Loop Gain vs.
Frequency with VDD =4.5V.
FIGURE 2-25:
Open-Loop Gain vs.
Frequency with VDD =45V.
FIGURE 2-26:
Gain Bandwidth Product
and Phase Margin vs. Ambient Temperature.
FIGURE 2-27:
Gain Bandwidth Product
and Phase Margin vs. Common Mode Input
Voltage.
FIGURE 2-28:
Closed-Loop Output
Impedance vs. Frequency with VDD =4.5V.
0
20
40
60
80
100
120
140
160
180
Frequency (Hz)
1
10
100
1k
10k
100k
1M
10M
CMRR
PSRR+
PSRR-
V
DD = 45V
-270
-240
-210
-180
-150
-120
-90
-60
-30
-20
0
20
40
60
80
100
120
140
1
10
100
1,000 10,000100,000
1,000,000
10,000,000
Frequency (Hz)
Gain
Phase
GBWP = 1.8 MHz
VDD = 4.5V
RL = 10 kΩ
CL = 100 pF
10k
100k
1M
10M
1k
100
10
1
-270
-240
-210
-180
-150
-120
-90
-60
-30
-20
0
20
40
60
80
100
120
140
1
10
100
1,000 10,000100,000
1,000,000
10,000,000
Frequency (Hz)
Gain
Phase
GBWP = 2 MHz
VDD = 45V
RL = 10 kΩ
CL = 100 pF
10k
100k
1M
10M
1k
100
10
1
10
20
30
40
50
60
70
80
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
GBWP
PM
V
DD = 4.5V
V
DD = 45V
40
50
60
70
80
90
0
1
2
3
4
5
0
5
10
15
20
25
30
35
40
45
Common Mode Input Voltage (V)
V
DD = 45V
PM
GBWP
0.0001
0.001
0.01
0.1
1
10
100
1000
Frequency (Hz)
G
N:
101 V/V
11 V/V
1 V/V
V
DD = 4.5V
1
10
100
1k
10k
100k
1M
10M
100M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com