Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48CVB21 Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP48CVB21
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48CVB21 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP48CVB21 Datasheet HTML 14Page - Microchip Technology MCP48CVB21 Datasheet HTML 15Page - Microchip Technology MCP48CVB21 Datasheet HTML 16Page - Microchip Technology MCP48CVB21 Datasheet HTML 17Page - Microchip Technology MCP48CVB21 Datasheet HTML 18Page - Microchip Technology MCP48CVB21 Datasheet HTML 19Page - Microchip Technology MCP48CVB21 Datasheet HTML 20Page - Microchip Technology MCP48CVB21 Datasheet HTML 21Page - Microchip Technology MCP48CVB21 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 106 page
background image
MCP48CXBXX
DS20006160A-page 18
 2019 Microchip Technology Inc.
1.2
SPI Mode Timing Waveforms and Requirements
FIGURE 1-5:
SPI Timing Waveform (Mode = ‘11’).
TABLE 1-4:
SPI REQUIREMENTS (MODE = ‘11’)
#
Characteristic(2)
Sym.
Min. Max. Units
Conditions
—
SCK Input Frequency
FSCK
—25
MHz VDD = 2.7V to 5.5V - Read
command, CL =20 pF
—50
MHz VDD = 2.7V to 5.5V - Write
commands, CL =20pF
—10
MHz VDD = 1.8V to 2.7V
70
CS Active (VIL) to SCK Input
TcsA2scH
15
—
ns
71
SCK Input High Time
TscH
10
—
ns
VDD = 2.7V to 5.5V
20
—
ns
VDD = 1.8V to 2.7V
72
SCK Input Low Time
TscL
10
—
ns
VDD = 2.7V to 5.5V
20
—
ns
VDD = 1.8V to 2.7V
73
SDI Input Valid to SCK
 Edge (Setup Time)
TDIV2scH
5
—
ns
74
SCK
 Edge to SDI Input Invalid (Hold Time)
TscH2DIL10
—
ns
77
CS Inactive (VIH) to SDO Output
High-Impedance
TcsH2DOZ
—
20
ns
Note 1
80
SCK
 Edge to SDO Data Output Valid
TscL2DOV
—
20
ns
VDD = 2.7V to 5.5V
—35
ns
VDD = 1.8V to 2.7V
83
SCK
 Edge to CS Inactive (VIH) (Hold Time)
TscH2csI
15
—
ns
VDD = 2.7V to 5.5V
20
—
ns
VDD = 1.8V to 2.7V
84
CS Input High Time
TcsA2csI
30
—
ns
89
Delay from HVC VIHH to First Command
Byte(1)
—0
—
ns
Note 1:
This specification is ensured by design.
2:
This parameter is ensured by characterization.
CS
SCK
SDO
SDI
70
71
72
73
74
75, 76
77
80
SDI
MSb
LSb
BIT6 - - - - - -1
MSb IN
BIT6 - - - -1
LSb IN
83
84
VIH
VIL
VIH
VIH
VIHH
VIH
HVC
Note: HVC pin must be at VIHH until MTP Write cycle completes
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com