Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48CVB21 Datasheet(PDF) 40 Page - Microchip Technology

Part # MCP48CVB21
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48CVB21 Datasheet(HTML) 40 Page - Microchip Technology

Back Button MCP48CVB21 Datasheet HTML 36Page - Microchip Technology MCP48CVB21 Datasheet HTML 37Page - Microchip Technology MCP48CVB21 Datasheet HTML 38Page - Microchip Technology MCP48CVB21 Datasheet HTML 39Page - Microchip Technology MCP48CVB21 Datasheet HTML 40Page - Microchip Technology MCP48CVB21 Datasheet HTML 41Page - Microchip Technology MCP48CVB21 Datasheet HTML 42Page - Microchip Technology MCP48CVB21 Datasheet HTML 43Page - Microchip Technology MCP48CVB21 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 106 page
background image
MCP48CXBXX
DS20006160A-page 40
 2019 Microchip Technology Inc.
TABLE 3-2:
MCP48CXBX2 (DUAL-DAC) PIN FUNCTION TABLE
Pin
Symbol
I/O
Buffer
Type
Description
MSOP
10L
DFN
10L
QFN
16L
11
16
VDD
—
P
Supply Voltage
22
1
CS
I
ST
SPI Chip Select
33
—
VREF
A
Analog Voltage Reference Input/Output
——
2
VREF0
A
Analog Voltage Reference Input/Output for DAC0
——
4
VREF1
A
Analog Voltage Reference Input/Output for DAC1
44
3
VOUT0
A
Analog Buffered Analog Voltage Output 0
55
5
VOUT1
A
Analog Buffered Analog Voltage Output 1
—
—
6,7,14,
15
NC
—
—
Not Internally Connected
66
—
LAT/HVC
I
ST
DAC Wiper Register Latch/High-Voltage Command Pin.
The Latch Pin allows the value in the volatile DAC registers
(wiper and configuration bits) to be transferred to the DAC
output (VOUT).
High-Voltage commands allow the User MTP configuration
bits to be written.
——
9
LAT0/HVC
I
ST
DAC0 Wiper Register Latch/High-Voltage Command Pin.
The Latch Pin allows the value in the volatile DAC0 registers
(wiper and configuration bits) to be transferred to the DAC0
output (VOUT0).
High-Voltage commands allow the User MTP configuration
bits to be written.
——
8
LAT1
I
ST
DAC1 Wiper Register Latch.
The Latch Pin allows the value in the volatile DAC1 registers
(wiper and configuration bits) to be transferred to the DAC1
output (VOUT1).
77
10
VSS
—
P
Ground Reference for all circuitries on the device
8
8
11
SDO
O
ST
SPI Serial Data Output
9
9
12
SCK
I
ST
SPI Serial Clock
10
10
13
SDI
I
ST
SPI Serial Data Input
—
—
17
EP
—
P
Exposed Thermal Pad, must be connected to VSS
Note 1:
A = Analog, I = Input, ST = Schmitt Trigger, O = Output, I/O = Input/Output, P = Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com