Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48CVB21 Datasheet(PDF) 57 Page - Microchip Technology

Part # MCP48CVB21
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48CVB21 Datasheet(HTML) 57 Page - Microchip Technology

Back Button MCP48CVB21 Datasheet HTML 53Page - Microchip Technology MCP48CVB21 Datasheet HTML 54Page - Microchip Technology MCP48CVB21 Datasheet HTML 55Page - Microchip Technology MCP48CVB21 Datasheet HTML 56Page - Microchip Technology MCP48CVB21 Datasheet HTML 57Page - Microchip Technology MCP48CVB21 Datasheet HTML 58Page - Microchip Technology MCP48CVB21 Datasheet HTML 59Page - Microchip Technology MCP48CVB21 Datasheet HTML 60Page - Microchip Technology MCP48CVB21 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 106 page
background image
 2019 Microchip Technology Inc.
DS20006160A-page 57
MCP48CXBXX
5.2
Voltage Reference Selection
The resistor ladder has up to four sources for the
reference voltage. The selection of the voltage
reference source is specified with the volatile
VREF1:VREF0 configuration bits (see Register 4-2).
The selected voltage source is connected to the VRL
node (see Figure 5-3 and Figure 5-4).
FIGURE 5-3:
Resistor Ladder Reference
Voltage Selection Block Diagram.
The four voltage source options for the Resistor Ladder
are:
1.
VDD pin voltage
2.
Internal band gap voltage reference (VBG)
3.
VREF pin voltage - unbuffered
4.
VREF pin voltage - internally buffered
On a POR/BOR event, the default configuration state or
the value written in the nonvolatile register is latched into
the volatile VREF1:VREF0 configuration bits.
If the VREF pin is used with an external voltage source,
then the user must select between Buffered or
Unbuffered mode.
5.2.1
USING VDD AS VREF
When the user selects the VDD as reference, the VREF
pin voltage is not connected to the Resistor Ladder.
The VDD voltage is internally connected to the Resistor
Ladder.
5.2.2
USING AN EXTERNAL VREF
SOURCE IN UNBUFFERED MODE
In this case, the VREF pin voltage may vary from VSS to
VDD. The voltage source should have a low-output
impedance. If the voltage source has a high-output
impedance, then the voltage on the VREF pin could be
lower than expected. The resistor ladder has a typical
impedance of 71 k
 and a typical capacitance of 29 pF.
If a single VREF pin is supplying multiple DACs, the
VREF pin source must have adequate current capability
to support the number of DACs. It must be assumed
that the resistor ladder resistance (RRL) of each DAC is
at the minimum specified resistance and these resis-
tances are in parallel.
If the VREF pin is tied to the VDD voltage, selecting
the VDD Reference mode (VREF1:VREF0 = ‘00’) is
recommended.
5.2.3
USING AN EXTERNAL VREF
SOURCE IN BUFFERED MODE
The VREF pin voltage may be from 0V to VDD. The input
buffer (amplifier) provides low offset voltage, low noise,
and a very high input impedance, with only minor
limitations on the input range and frequency response.
Any variation or noises on the reference source can
directly affect the DAC output. The reference voltage
needs to be as clean as possible for accurate DAC
performance.
FIGURE 5-4:
Reference Voltage Selection
Implementation Block Diagram.
VRL
VDD
Buffer
VREF1:VREF0
VREF
Band Gap
Note 1: The Band Gap voltage (VBG) is 1.214V
typical. The band gap output goes
through the buffer with a 2X gain to
create the VRL voltage. See Table 5-1
for additional information on the band
gap circuit.
VDD
VRL
Band Gap(1)
(1.214V typical)
VDD
PD1:PD0 and
VREF1:VREF0
PD1:PD0 and
VREF1:VREF0
VDD
PD1:PD0 and
VREF1:VREF0
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com