Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48CVB21 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP48CVB21
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48CVB21 Datasheet(HTML) 2 Page - Microchip Technology

  MCP48CVB21 Datasheet HTML 1Page - Microchip Technology MCP48CVB21 Datasheet HTML 2Page - Microchip Technology MCP48CVB21 Datasheet HTML 3Page - Microchip Technology MCP48CVB21 Datasheet HTML 4Page - Microchip Technology MCP48CVB21 Datasheet HTML 5Page - Microchip Technology MCP48CVB21 Datasheet HTML 6Page - Microchip Technology MCP48CVB21 Datasheet HTML 7Page - Microchip Technology MCP48CVB21 Datasheet HTML 8Page - Microchip Technology MCP48CVB21 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 106 page
background image
MCP48CXBXX
DS20006160A-page 2
 2019 Microchip Technology Inc.
General Description
The MCP48CXBXX are single and dual-channel 8-bit,
10-bit,
and
12-bit
buffered
voltage
output
Digital-to-Analog Converters (DAC), with volatile or
MTP memory and an SPI serial interface.
The MTP memory can be written by the user up to 32
times, for each specific register. It requires a
high-voltage level on the HVC pin, typically 7.5V, in
order to successfully program the desired memory
location. The nonvolatile memory includes power-up
output values, device configuration registers and
general purpose memory.
The VREF pin, the device VDD or the internal band gap
voltage can be selected as the DAC’s reference
voltage. When VDD is selected, VDD is internally
connected to the DAC reference circuit.
When the VREF pin is used with an external voltage
reference, the user can select between a gain of 1 or 2
and can have the reference buffer enabled or disabled.
When the gain is 2, the VREF pin voltage should be
limited to a maximum of VDD/2.
These devices have a four-wire SPI-compatible serial
interface with speeds up to 50 MHz for write and
25 MHz for read operations.
Applications
• Set Point or Offset Trimming
• Sensor Calibration
• Low-Power Portable Instrumentation
• PC Peripherals
• Data Acquisition Systems
MCP48CVBX1 Block Diagram (Single-Channel Output)
VDD
VSS
Memory
SCK
SDI
VREF1:VREF0
Note 1: Available only on specific packages.
VOUT0
VDD
PD1:PD0
VREF1:VREF0
OPAMP
PD1:PD0 and
VREF1:VREF0
DAC0
VREF
POWER-DOWN
GAIN
STATUS
DAC0
VREF
POWER-DOWN
GAIN
WIPERLOCK™
VOLATILE (4 x 16)
NONVOLATILE (13 x 16)
Power-up/Brown-out Control
SPI Serial Interface Module
and Control Logic
(WiperLock™ Technology)
Band gap
1.214V
VDD
GAIN
VIHH
LAT0
VBG
LAT/HVC
VREF0
SDO
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com