Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6911E Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6911E
Description  5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911E Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6911E Datasheet HTML 8Page - STMicroelectronics L6911E Datasheet HTML 9Page - STMicroelectronics L6911E Datasheet HTML 10Page - STMicroelectronics L6911E Datasheet HTML 11Page - STMicroelectronics L6911E Datasheet HTML 12Page - STMicroelectronics L6911E Datasheet HTML 13Page - STMicroelectronics L6911E Datasheet HTML 14Page - STMicroelectronics L6911E Datasheet HTML 15Page - STMicroelectronics L6911E Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
L6911E
12/20
s
From the above equations, it results:
;
;
Where IMAX is the maximum output current.
s
The component R3 must be chosen in order to obtain R3<<R8//R9 to permit these and successive
simplifications.
Therefore, with the droop function the output voltage decreases as the load current increases, so the DC output
impedance is equal to a resistance ROUT. It is easy to verify that the output voltage deviation under load tran-
sient is minimum when the output impedance is constant with frequency.
To choose the other components of the compensation network, the transfer function of the voltage loop is con-
sidered. To simplify the analysis is supposed that R3 << Rd, where Rd = (R8//R9).
Figure 8. Compensation network definition
The transfer function may be evaluated neglecting the connection of R8 to PHASE because, as will see later,
this connection is important only at low frequencies. So R4 is considered connected to VOUT. Under this as-
sumption, the voltage loop has the following transfer function:
R8
∆V
+
R2
⋅
V
PROG
-----------------------
R
L
I
MA X
⋅
V
DROOP
∆
---------------------------
⋅
=
R9
R 8
=
V
DRO OP
∆
R
L
I
MAX
⋅
---------------------------
1
1
V
D ROOP
∆
R
L
I
MA X
⋅
---------------------------
+
-------------------------------------
⋅⋅
|A v |
|R |
|G lo o p |
f
f
f
fc
f D
f2
f1
f3
R 0
2
fLC
fCE
fEC
fCC
G 0
acitor
CeramicCap
Cceramic
Rceramic
CC
f
by
Introduced
Cceramic
ESR
EC
f
ESRzero
OUT
C
ESR
CE
f
doublepole
LC
LC
f
ingularity
ConverterS
⋅
⋅
=
⋅
⋅
=
⋅
⋅
=
⋅
=
π
π
π
π
2
/
1
2
/
1
2
/
1
2
/
1
25
2
/
1
25
3
2
/
1
3
20
)
4
3
(
2
/
1
2
20
4
2
/
1
1
C
Rd
d
f
C
R
f
C
R
R
f
C
R
f
ingularity
onNetworkS
Compensati
⋅
⋅
=
⋅
⋅
=
⋅
+
⋅
=
⋅
⋅
=
π
π
π
π



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com