Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6911E Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6911E
Description  5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6911E Datasheet HTML 9Page - STMicroelectronics L6911E Datasheet HTML 10Page - STMicroelectronics L6911E Datasheet HTML 11Page - STMicroelectronics L6911E Datasheet HTML 12Page - STMicroelectronics L6911E Datasheet HTML 13Page - STMicroelectronics L6911E Datasheet HTML 14Page - STMicroelectronics L6911E Datasheet HTML 15Page - STMicroelectronics L6911E Datasheet HTML 16Page - STMicroelectronics L6911E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13/20
L6911E
Where
Where ZC(s) and ZL(s) are the output capacitor and inductor impedance respectively.
The expression of ZI(s) may be simplified as follow:
Where:
τ1 =R4×C20, τ2 = (R4+R3)×C20 and τd =Rd×C25.
The regulator transfer function became now:
Figure 8 shows a method to select the regulator components (please note that the frequencies fEC and fCC cor-
responds to the singularities introduced by additional ceramic capacitors in parallel to the output main electro-
lytic capacitor).
s
To obtain a flat frequency response of the output impedance, the droop time constant
τd has to be equal
to the inductor time constant (see the note at the end of the section):
s
To obtain a constant -20dB/dec Gloop(s) shape the singularity f1 and f2 are placed in proximity of fCE
and fLC respectively. This implies that:
s
To obtain a Gloop bandwidth of fC, results:
Note.
To understand the reason of the previous assumption, the scheme in figure 9 must be considered.
In this scheme, the inductor current has been substituted by the load current, because in the frequencies range
of interest for the Droop function these current are substantially the same and it was supposed that the droop
network don’t represent a charge for the inductor.
Gloop s
()
Av s
() Rs
()
Av s
()
Zf s
()
Zi s
()
--------------
==
Av s
()
Vin
V
osc
----------------
Z
C s
()
Z
C s
() Z
L s
()
+
-------------------------------------
=
Z
I s
()
Rd
1
s
--- C25
⋅⋅
Rd
1
s
---
+
C25
----------------------------------
R4
1
s
--- C20
+


R3
R4
1
s
--- C20
+


R3
+
----------------------------------------------------- -
+
Rd 1
s
τ
1
τ
d
+
() s
2
R3
R
d
--------
τ
1
τ
d
⋅⋅
+
+


1s
τ
2
+
() 1s τ
d
+
()
-------------------------------------------------------------------------------------------------- -=
==
Rd
1s
R3
R
d
--------
τ
d
+

 1s τ
1
+
()
1s
τ
2
+
() 1s τ
d
+
()
-------------------------------------------------------------------- -
=
Rs
()
1s
τ
2
+
() 1s τ
d
+
()
s C 18 R
d
1s
R3
R
d
--------
τ
d
+


1s
τ
1
+
()
⋅⋅
------------------------------------------------------------------------------------------------------
τ
d
R
d
C25
L
R
L
-------
τ
L
C25
L
R
L
R
d
()
-----------------------
==
=
=
f
2
f
1
----
f
LC
f
CE
---------
R4
R3
f
LC
f
CE
---------
1



==
f1
f
CE
C20
1
2
---
π R4 f
CE
⋅⋅
=
=
G
0
f
LC
1f
C
G
0
A
0
R
0
VI N
Vosc
------------------
C 20 // C25
C18
-----------------------------
f
C
f
LC
--------
C18
VI N
Vosc
------------------
C20 C25
C20
C25
+
-----------------------------
f
LC
f
C
--------
⋅⋅
==
=
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com