Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6911E Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6911E
Description  5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911E Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6911E Datasheet HTML 10Page - STMicroelectronics L6911E Datasheet HTML 11Page - STMicroelectronics L6911E Datasheet HTML 12Page - STMicroelectronics L6911E Datasheet HTML 13Page - STMicroelectronics L6911E Datasheet HTML 14Page - STMicroelectronics L6911E Datasheet HTML 15Page - STMicroelectronics L6911E Datasheet HTML 16Page - STMicroelectronics L6911E Datasheet HTML 17Page - STMicroelectronics L6911E Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
L6911E
14/20
Figure 9. Voltage regulation with droop function block scheme
It results:
Because in the interested range |Gloop|>>1.
To obtain a flat shape, the relationship considered will naturally follow.
VRM Demo Board Description
Figure 10 shows the schematic circuit of the VRM evaluation board. The design has been developed for a VRM
8.5 Flexible Motherboard applicaton delivering up to 28.5A.
An additional circuit sense a Vtt bus (1.2V typ.) and generate a 2.5mS (typ.) delayed Vtt_PWRGD signal when
this rail is over 1.1V. The assertion of the Vtt_PWRGD signal enables the device together with the ENOUT input.
Figure 10. Schematic Circuit
Av (s)
R(s )
V out
Vc om p
Io ut
d
s
L
s
OUT
R
τ
τ
⋅
+
⋅
+
⋅
1
1
Z
OU T
V
o
I
LOA D
----------------
R
d
1s
τ
L
+
1s
τ
d
+
------------------
G
LOOP
1G
L OOP
+
-----------------------------
⋅⋅
R
OUT
1s
τ
L
+
1s
τ
d
+
------------------
⋅
==
=
L6911E CONNECTOR EVALUATION KIT REV. 1 .1
L2
L1
R7
R8
R9
C1-3
C10
C4-9
C17
Q3,Q4 ,Q5
Q1,Q2
D2
C12
F1
16
17
13
14
2
4
5
6
7
8
U1
L6911E
+5 VIN
+12Vcc
VOUTCORE
Vss
10
15
9
3
20
18
11
19
12
1
VCC
GND
VID0
VID1
VID2
VID3
VID4
SS
OSC
OCSET
UGATE
PHASE
LGATE
PGND
PGOOD
VSEN
R3
R4
R5
R2
C18
C19
C20
VID0
VID1
VID2
VID3
VID25mV
C11
D1
R6
R1
Vtt_PGOOD
UZ
TLC7701
8
2
4
7
3
5
6
1
OUTEN
Vtt_sense
Vdd
NOT RESIN
GND
SENSE
CT
NOT RESET
CONTRO L
RESET
R14
C15
R12
Q6
R10
R11
C16
C14
Q7
C13
R13
D3
PWRGD
R15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com