Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6911E Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6911E
Description  5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911E Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6911E Datasheet HTML 12Page - STMicroelectronics L6911E Datasheet HTML 13Page - STMicroelectronics L6911E Datasheet HTML 14Page - STMicroelectronics L6911E Datasheet HTML 15Page - STMicroelectronics L6911E Datasheet HTML 16Page - STMicroelectronics L6911E Datasheet HTML 17Page - STMicroelectronics L6911E Datasheet HTML 18Page - STMicroelectronics L6911E Datasheet HTML 19Page - STMicroelectronics L6911E Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
L6911E
18/20
PART LIST
Resistors
R1
Not Mounted
SMD 0805
R2
470K
1%
SMD 0805
R3
1K
SMD 0805
R4
82
SMD 0805
R5
Not Mounted
SMD 0805
R6
20K
SMD 0805
R7
680
SMD 0805
R8
13K
SMD 0805
R9
100K
SMD 0805
R10
6.8K
1%
SMD 0805
R11
10K
1%
SMD 0805
R12
1K
SMD 0805
R13
10K
SMD 0805
R14
8.2
Ω
SMD 0805
R15
1K
SMD 0805
Capacitors
C1-C3
680
µF- 6.3V
OSCON 6SP680M
Radial 10x10.5
C4-C9
820
µF – 4V or
680
µF – 6.3V
OSCON 4SP820M
OSCON 6SP680M
Radial 10x10.5
Radial 10x10.5
C10
1nF
SMD 0805
C11,C13-C16
100nF
SMD 0805
C12
1
µF
SMD 0805
C17
47nF
SMD 0805
C18
3.3nF
SMD 0805
C19
Not Mounted
SMD 0805
C20
100nF
SMD 0805
Magnetics
L1
1.5
µH
T44-52 Core, 7T - 18AWG
L2
1.8
µH
T50-52B Core, 8T – 16AWG
Transistors
Q1-Q5
STS12NF30L or
FDS6670
STMicroelectronics
Fairchild
SO8
SO8
Q6
Signal NPN BJT
SOT23
Q7
Signal MOSFET
SOT23
Diodes
D1
1N4148
SOT23
D2
STPS3L25U
STMicroelectronics
SMB
D3
Ics
U1
L6911E
STMicroelectronics
SO20
U2
TLC7701QD
Texas Instruments
SO8
Fuse
F1
251015A-15A
Littlefuse
AXIAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com