Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC524ALC3BTR-R5 Datasheet(PDF) 15 Page - Analog Devices

Part # HMC524ALC3BTR-R5
Description  22 GHz to 32 GHz, GaAs, MMIC, I/Q Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC524ALC3BTR-R5 Datasheet(HTML) 15 Page - Analog Devices

Back Button HMC524ALC3BTR-R5 Datasheet HTML 11Page - Analog Devices HMC524ALC3BTR-R5 Datasheet HTML 12Page - Analog Devices HMC524ALC3BTR-R5 Datasheet HTML 13Page - Analog Devices HMC524ALC3BTR-R5 Datasheet HTML 14Page - Analog Devices HMC524ALC3BTR-R5 Datasheet HTML 15Page - Analog Devices HMC524ALC3BTR-R5 Datasheet HTML 16Page - Analog Devices HMC524ALC3BTR-R5 Datasheet HTML 17Page - Analog Devices HMC524ALC3BTR-R5 Datasheet HTML 18Page - Analog Devices HMC524ALC3BTR-R5 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
HMC524ALC3B
Rev. A | Page 15 of 24
UPCONVERTER PERFORMANCE: IFIN = 100 MHz, LOWER SIDEBAND (HIGH-SIDE LO)
Data taken as a single sideband upconverter with external 90° hybrid at the IF ports, LO = 17 dBm, unless otherwise noted.
0
–5
–10
–15
–20
21
33
RF FREQUENCY (GHz)
23
25
27
29
31
+85°C
+25°C
–40°C
Figure 55. Conversion Gain vs. RF Frequency at Various Temperatures
65
0
5
10
15
20
25
30
35
40
45
50
55
60
21
33
23
25
27
29
31
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 56. Sideband Rejection vs. RF Frequency at Various Temperatures
35
0
5
10
15
20
25
30
21
33
RF FREQUENCY (GHz)
23
25
27
29
31
+85°C
+25°C
–40°C
Figure 57. Input IP3 vs. RF Frequency at Various Temperatures
21
33
23
25
27
29
31
0
–5
–10
–15
–20
RF FREQUENCY (GHz)
LO = 13dBm
LO = 15dBm
LO = 17dBm
LO = 19dBm
Figure 58. Conversion Gain vs. RF Frequency at Various LO Powers,
TA = 25°C
65
0
5
10
15
20
25
30
35
40
45
50
55
60
21
33
23
25
27
29
31
RF FREQUENCY (GHz)
LO = 13dBm
LO = 15dBm
LO = 17dBm
LO = 19dBm
Figure 59. Sideband Rejection vs. RF Frequency at Various LO Powers,
TA = 25°C
35
0
5
10
15
20
25
30
21
33
RF FREQUENCY (GHz)
23
25
27
29
31
LO = 13dBm
LO = 15dBm
LO = 17dBm
LO = 19dBm
Figure 60. Input IP3 vs. RF Frequency at Various LO Powers, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com