Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC524ALC3BTR-R5 Datasheet(PDF) 22 Page - Analog Devices

Part # HMC524ALC3BTR-R5
Description  22 GHz to 32 GHz, GaAs, MMIC, I/Q Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC524ALC3BTR-R5 Datasheet(HTML) 22 Page - Analog Devices

Back Button HMC524ALC3BTR-R5 Datasheet HTML 16Page - Analog Devices HMC524ALC3BTR-R5 Datasheet HTML 17Page - Analog Devices HMC524ALC3BTR-R5 Datasheet HTML 18Page - Analog Devices HMC524ALC3BTR-R5 Datasheet HTML 19Page - Analog Devices HMC524ALC3BTR-R5 Datasheet HTML 20Page - Analog Devices HMC524ALC3BTR-R5 Datasheet HTML 21Page - Analog Devices HMC524ALC3BTR-R5 Datasheet HTML 22Page - Analog Devices HMC524ALC3BTR-R5 Datasheet HTML 23Page - Analog Devices HMC524ALC3BTR-R5 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
HMC524ALC3B
Data Sheet
Rev. A | Page 22 of 24
APPLICATIONS INFORMATION
Figure 80 shows the typical application circuit for the
HMC524ALC3B. To select the appropriate sideband, an external
90° hybrid coupler is needed. For applications not requiring
operation to dc, use an off chip dc blocking capacitor. For
applications that require the LO signal at the output to be
suppressed, use a bias tee or RF feed as shown in Figure 80.
Ensure that the source or sink current used for LO suppression
is <2 mA for each IF port to prevent damage to the device. The
common-mode voltage for each IF port is 0 V.
To select the upper sideband when using as an upconverter,
connect the IF1 pin to the 90° port of the hybrid and connect
the IF2 pin to the 0° port of the hybrid. To select the lower
sideband, connect the IF1 pin to the 0° port of the hybrid and
connect the IF2 pin to the 90° port of the hybrid. The input is
from the sum port of the hybrid, and the difference port is 50 Ω
terminated.
To select the upper sideband (low-side LO) when using as a
downconverter, connect the IF1 pin to the 0° port of the hybrid
and connect the IF2 pin to the 90° port of the hybrid. To select
the lower sideband (high-side LO), connect the IF1 pin to the
90° port of the hybrid and connect the IF2 pin to the 0° port of
the hybrid. The output is from the sum port of the hybrid, and
the difference port is 50 Ω terminated.
LO
1
7
8
9
10
11
12
4
2
3
56
90°HYBRID
RF
IF1
IF2
HMC524ALC3B EVALUATION BOARD
50Ω
IF
SUPPLY
FOR IF1
SUPPLY
FOR IF2
BIAS TEE/
DC FEED FOR IF2
BIAS TEE/
DC FEED FOR IF1
DC BLOCKING
CAPACITORS
EXTERNAL
90° HYBRID
NOTES
1. DASHED SECTIONS ARE OPTIONAL AND MEANT FOR LO NULLING.
Figure 80. Typical Application Circuit Evaluation Board Information
The EV1HMC524ALC3B evaluation PCB used in the application
must use RF circuit design techniques. Signal lines must have 50 Ω
impedance, and connect the package ground leads and exposed
pad directly to the ground plane similarly to Figure 82. Use a
sufficient number of via holes to connect the top and bottom
ground planes. The evaluation circuit board shown in Figure 82 is
available from Analog Devices, Inc., upon request.
LAYOUT
Solder the exposed pad on the underside of the HMC524ALC3B
to a low thermal and electrical impedance ground plane. This
pad is typically soldered to an exposed opening in the solder mask
on the evaluation board. Connect these ground vias to all other
ground layers on the evaluation board to maximize heat dissipation
from the device package. Figure 81 shows the PCB land pattern
footprint for the EV1HMC524ALC3B evaluation board.
Figure 81. PCB Land Pattern Footprint of the EV1HMC524ALC3B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com