Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC524ALC3BTR-R5 Datasheet(PDF) 20 Page - Analog Devices

Part # HMC524ALC3BTR-R5
Description  22 GHz to 32 GHz, GaAs, MMIC, I/Q Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC524ALC3BTR-R5 Datasheet(HTML) 20 Page - Analog Devices

Back Button HMC524ALC3BTR-R5 Datasheet HTML 16Page - Analog Devices HMC524ALC3BTR-R5 Datasheet HTML 17Page - Analog Devices HMC524ALC3BTR-R5 Datasheet HTML 18Page - Analog Devices HMC524ALC3BTR-R5 Datasheet HTML 19Page - Analog Devices HMC524ALC3BTR-R5 Datasheet HTML 20Page - Analog Devices HMC524ALC3BTR-R5 Datasheet HTML 21Page - Analog Devices HMC524ALC3BTR-R5 Datasheet HTML 22Page - Analog Devices HMC524ALC3BTR-R5 Datasheet HTML 23Page - Analog Devices HMC524ALC3BTR-R5 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
HMC524ALC3B
Data Sheet
Rev. A | Page 20 of 24
M × N SPURIOUS OUTPUT PERFORMANCE
Downconverter, M × N
RF = 24.5 GHz, LO = 24.4 GHz, RF power = −10 dBm, and
LO power = 17 dBm, data taken without external hybrid. Mixer
spurious products are measured in dBc from the IF output power
level (M × RF) − (N × LO) are positive. N/A means not applicable.
N × LO
0
1
2
3
4
5
M × RF
0
N/A
−2
+39
N/A
N/A
N/A
1
+28
0
+52
+58
N/A
N/A
2
+61
+72
+56
+73
+59
N/A
3
N/A
+95
+73
+66
+73
+59
4
N/A
N/A
+125
+73
+83
+73
5
N/A
N/A
N/A
+159
+70
+85
Upconverter, M × N
IF = 100 MHz, LO = 24.4 GHz, IF power = −10 dBm, and
LO power = 17 dBm, data taken without external hybrid. Mixer
spurious products are measured in dBc from the RF output
power level (M × IF) + (N × LO) are positive, unless otherwise
noted.
N × LO
0
1
2
M × IF
−5
+90
+79
+67
−4
+90
+72
+68
−3
+91
+52
+67
−2
+68
+40
+58
−1
+88
0
+32
0
0
−5
+22
+1
+89
0
+32
+2
+67
+41
+58
+3
+89
+52
+69
+4
+89
+74
+67
+5
+88
+77
+67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com