Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC524ALC3BTR-R5 Datasheet(PDF) 19 Page - Analog Devices

Part # HMC524ALC3BTR-R5
Description  22 GHz to 32 GHz, GaAs, MMIC, I/Q Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC524ALC3BTR-R5 Datasheet(HTML) 19 Page - Analog Devices

Back Button HMC524ALC3BTR-R5 Datasheet HTML 15Page - Analog Devices HMC524ALC3BTR-R5 Datasheet HTML 16Page - Analog Devices HMC524ALC3BTR-R5 Datasheet HTML 17Page - Analog Devices HMC524ALC3BTR-R5 Datasheet HTML 18Page - Analog Devices HMC524ALC3BTR-R5 Datasheet HTML 19Page - Analog Devices HMC524ALC3BTR-R5 Datasheet HTML 20Page - Analog Devices HMC524ALC3BTR-R5 Datasheet HTML 21Page - Analog Devices HMC524ALC3BTR-R5 Datasheet HTML 22Page - Analog Devices HMC524ALC3BTR-R5 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
HMC524ALC3B
Rev. A | Page 19 of 24
ISOLATION AND RETURN LOSS
70
0
21
33
RF FREQUENCY (GHz)
LO_RF
LO-IF2
LO-IF1
RF-IF1
RF-IF2
10
20
30
40
50
60
23
25
27
29
31
Figure 77. Isolation vs. RF Frequency at LO = 17 dBm, TA = 25°C
0
–5
–15
–10
–20
–25
21
23
25
27
29
31
33
RF FREQUENCY (GHz)
LO
RF
Figure 78. Return Loss vs. RF Frequency,
LO = 17 dBm, TA = 25°C
0
–5
–15
–10
–20
–25
0.1
4.6
IF FREQUENCY (GHz)
0.6
1.1
1.6
2.1
2.6
3.1
3.6
4.1
IF1
IF2
Figure 79. Return Loss vs. IF Frequency,
LO = 17 dBm at 27 GHz, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com