Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8774IFT Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8774IFT
Description  24 - bit, 192kHz 8 - Channel Input Stereo Codec
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8774IFT Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8774IFT Datasheet HTML 1Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 2Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 3Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 4Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 5Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 6Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 7Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 8Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
WM8774
Product Preview
PP Rev 1.0 June 2002
4
PIN
NAME
TYPE
DESCRIPTION
50
ZFLAGL
Digital output
DAC Zero Flag output
51
ZFLAGR
Digital output
DAC Zero Flag output
52
DOUT
Digital output
ADC data output
53
DIN
Digital Input
DAC channel 1 data input
54
NC
No connection
55
NC
No connection
56
NC
No connection
57
DACLRC
Digital input/output
DAC left/right word clock
58
ADCLRC
Digital input/output
ADC left/right word clock
59
BCLK
Digital input/output
ADC and DAC audio interface bit clock
60
MCLK
Digital input
Master DAC and ADC clock; 256, 384, 512 or 768fs (fs = word clock
frequency)
61
CL
Digital input
Serial interface clock (5V tolerant)
62
DI
Digital input
Serial interface data (5V tolerant)
63
CE
Digital input
Serial interface Latch signal (5V tolerant)
64
RESETB
Digital input
Device reset input (mutes DAC outputs, resets gain stages to 0dB)
(5V tolerant)
Note : Digital input pins have Schmitt trigger input buffers and are 5V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com