Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8774IFT Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM8774IFT
Description  24 - bit, 192kHz 8 - Channel Input Stereo Codec
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8774IFT Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM8774IFT Datasheet HTML 28Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 29Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 30Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 31Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 32Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 33Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 34Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 35Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
WM8774
Product Preview
PP Rev 1.0 June 2002
32
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3
BCP
0
BITCLK Polarity
0: Normal - DIN, DACLRC & ADCLRC sampled on rising
edge of BCLK; DOUT changes on falling edge of BCLK.
1: Inverted - DIN, DACLRC & ADCLRC sampled on falling
edge of BCLK; DOUT changes on rising edge of BCLK.
5:4
WL[1:0]
10
Input Word Length
00: 16-bit Mode
01: 20-bit Mode
10: 24-bit Mode
11: 32-bit Mode (not supported in right justified mode)
8
ADCHPD
0
ADC Highpass Filter Disable:
0: Highpass Filter enabled
1: Highpass Filter disabled
2:0
ADCRATE[2:0]
010
Master Mode MCLK:ADCLRC ratio select:
010: 256fs
011: 384fs
100: 512fs
3
ADCOSR
0
ADC oversample rate select
0: 128x oversampling
1: 64x oversampling
6:4
DACRATE[2:0]
010
Master Mode MCLK:DACLRC ratio select:
000: 128fs
001: 192fs
010: 256fs
011: 384fs
100: 512fs
10111
Master Mode
control
8
MS
0
Maser/Slave interface mode select
0: Slave Mode – ADCLRC, DACLRC and BCLK are inputs
1: Master Mode – ADCLRC, DACLRC and BCLK are outputs
0
PWDN
0
Chip Powerdown Control (works in tandem with ADCD and
DACD):
0: All circuits running, outputs are active
1: All circuits in power save mode, outputs muted
1
ADCD
1
ADC powerdown:
0: ADC enabled
1: ADC disabled
11000
Powerdown
Control
2
DACD
1
DAC powerdown
0: DAC enabled
1: DAC disabled
4:0
LAG[4:0]
01100
(0dB)
Attenuation data for left channel ADC gain in 1dB steps
5
MUTE
0
Mute for Left channel ADC:
0: Mute off
1: Mute on
6
LRBOTH
0
Setting LRBOTH will write the same gain value to LAG[4:0] and
RAG[4:0]
11001
Attenuation
ADCL
7
ADCMUTE
0
Mute for Left and Right channel ADC:
0: Mute off
1: Mute on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com