Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8774IFT Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8774IFT
Description  24 - bit, 192kHz 8 - Channel Input Stereo Codec
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8774IFT Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8774IFT Datasheet HTML 13Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 14Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 15Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 16Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 17Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 18Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 19Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 20Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
Product Preview
WM8774
PP Rev 1.0 June 2002
17
I
2S MODE
In I
2S mode, the MSB of DIN is sampled by the WM8774 on the second rising edge of BCLK
following a DACLRC transition. The MSB of the ADC data is output on DOUT and changes on the
first falling edge of BCLK following an ADCLRC transition and may be sampled on the rising edge of
BCLK. ADCLRC and DACLRC are low during the left samples and high during the right samples.
LEFT CHANNEL
RIGHT CHANNEL
DACLRC/
ADCLRC
BCLK
DIN/
DOUT
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
1 BCLK
1 BCLK
Figure 11 I
2S Mode TIming Diagram
DSP EARLY MODE
In DSP early mode, the MSB of DAC channel left data is sampled by the WM8774 on the second
rising edge on BCLK following a DACLRC rising edge (Figure 12).
DACLRC
BCK
DIN
Word Length (IWL)
1/fs
CHANNEL LEFT
n
2
1
n-1
LSB
MSB
n
2
1
n-1
CHANNEL RIGHT
NO VALID DATA
1 BCLK
1 BCLK
Figure 12 DSP Early Mode Timing Diagram – DAC Data Input
The MSB of the left channel ADC data is output on DOUT and changes on the first falling edge of
BCLK following a low to high ADCLRC transition and may be sampled on the rising edge of BCLK.
The right channel ADC data is contiguous with the left channel data (Figure 13)
ADCLRC
BCK
DOUT
Input Word Length (IWL)
1/fs
LEFT CHANNEL
n
2
1
n-1
LSB
MSB
n
2
1
n-1
RIGHT CHANNEL
NO VALID DATA
1 BCLK
1 BCLK
Figure 13 DSP Early Mode Timing Diagram – ADC Data Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com