Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8774IFT Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM8774IFT
Description  24 - bit, 192kHz 8 - Channel Input Stereo Codec
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8774IFT Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM8774IFT Datasheet HTML 25Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 26Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 27Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 28Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 29Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 30Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 31Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 32Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
Product Preview
WM8774
PP Rev 1.0 June 2002
29
REGISTER MAP
The complete register map is shown below. The detailed description can be found in the relevant text of the device description. The
WM8774 can be configured using the Control Interface. All unused bits should be set to ‘0’.
REGISTER
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
R0(00h)
0
0
0
0
0
0
0
UPDATE
LZCEN
LA[6:0]
X01111111
R1(01h)
0
0
0
0
0
0
1
UPDATE
RZCEN
RA[6:0]
X01111111
R8(08h)
0
0
0
1
0
0
0
UPDATE
MZCEN
MASTA[6:0]
X01111111
R9(09h)
0
0
0
1
0
0
1
UPDATE
LDA[7:0]
X11111111
R10(0Ah)
0
0
0
1
0
1
0
UPDATE
RDA[7:0]
X11111111
R17(11h)
0
0
1
0
0
0
1
UPDATE
MASTDA[7:0]
X11111111
R18(12h)
0
0
1
0
0
1
0
x
PHASE[7:0]
000000000
R19(13h)
0
0
1
0
0
1
1
x
PL
TOD
IZD
ATC
DZCEN
010010000
R20(14h)
0
0
1
0
1
0
0
x
x
x
RECEN
x
x
x
x
DMUTE
000000000
R21(15h)
0
0
1
0
1
0
1
x
x
x
x
x
x
x
x
DEEM
P
000000000
R22(16h)
0
0
1
0
1
1
0
ADCHPD
x
x
WL[1:0]
BCP
LRP
FMT[1:0]
000100010
R23(17h)
0
0
1
0
1
1
1
MS
x
DACRATE[2:0]
ADCOS
R
ADCRATE[2:0]
000010010
R24(18h)
0
0
1
1
0
0
0
x
x
x
x
x
x
DACD
ADCD
PWDN
000111110
R25(19h)
0
0
1
1
0
0
1
x
ADCMUTE
LRBOTH
MUTE
LAG[4:0]
000001100
R26(1Ah)
0
0
1
1
0
1
0
x
x
LRBOTH
MUTE
RAG[4:0]
000001100
R27(1Bh)
0
0
1
1
0
1
1
AINPD
0
RMX[2:0]
x
LMX[2:0]
100000000
R28(1Ch)
0
0
1
1
1
0
0
x
OUTPD
x
x
x
x
MX[2:0]
110001001
R31(1Fh)
0
0
1
1
1
1
1
RESET
not reset
ADDRESS
DATA
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com