Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3564 Datasheet(PDF) 40 Page - Microchip Technology

Part # MCP3564
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3564 Datasheet(HTML) 40 Page - Microchip Technology

Back Button MCP3564 Datasheet HTML 36Page - Microchip Technology MCP3564 Datasheet HTML 37Page - Microchip Technology MCP3564 Datasheet HTML 38Page - Microchip Technology MCP3564 Datasheet HTML 39Page - Microchip Technology MCP3564 Datasheet HTML 40Page - Microchip Technology MCP3564 Datasheet HTML 41Page - Microchip Technology MCP3564 Datasheet HTML 42Page - Microchip Technology MCP3564 Datasheet HTML 43Page - Microchip Technology MCP3564 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 108 page
background image
MCP3561/2/4
DS20006181C-page 40
 2019-2021 Microchip Technology Inc.
TABLE 5-6:
OVERSAMPLING RATIO AND SINC FILTER RELATIONSHIP
OSR[3:0]
OSR3 OSR1
Total
OSR
ADC Resolution
in Bits
(No Missing Codes)
Conversion
Time
(TCONV)
Data Rate in Continuous
Conversion Mode
Data Rate (Hz)
with MCLK = 4.9152 MHz
Fastest Data Rate (Hz)
with MCLK = 19.6608 MHz
00 0 0
32
1
32
16
96/DMCLK
38400
153600
00 0 1
64
1
64
19
192/DMCLK
19200
76800
00 1 0
128
1
128
22
384/DMCLK
9600
38400
00 1 1
256
1
256
24
768/DMCLK
4800
19200
01 0 0
512
1
512
24
1536/DMCLK
2400
9600
01 0 1
512
2
1024
24
2048/DMCLK
1200
4800
01 1 0
512
4
2048
24
3072/DMCLK
600
2400
01 1 1
512
8
4096
24
5120/DMCLK
300
1200
10 0 0
512
16
8192
24
9216/DMCLK
150
600
10 0 1
512
32
16384
24
17408/DMCLK
75
300
10 1 0
512
40
20480
24
21504/DMCLK
60
240
10 1 1
512
48
24576
24
25600/DMCLK
50
200
11 0 0
512
80
40960
24
41984/DMCLK
30
120
11 0 1
512
96
49152
24
50176/DMCLK
25
100
11 1 0
512
160
81920
24
82944/DMCLK
15
60
11 1 1
512
192
98304
24
99328/DMCLK
12.5
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com