Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3564 Datasheet(PDF) 53 Page - Microchip Technology

Part # MCP3564
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3564 Datasheet(HTML) 53 Page - Microchip Technology

Back Button MCP3564 Datasheet HTML 49Page - Microchip Technology MCP3564 Datasheet HTML 50Page - Microchip Technology MCP3564 Datasheet HTML 51Page - Microchip Technology MCP3564 Datasheet HTML 52Page - Microchip Technology MCP3564 Datasheet HTML 53Page - Microchip Technology MCP3564 Datasheet HTML 54Page - Microchip Technology MCP3564 Datasheet HTML 55Page - Microchip Technology MCP3564 Datasheet HTML 56Page - Microchip Technology MCP3564 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006181C-page 53
MCP3561/2/4
5.13.2
CONVERSION MODES IN SCAN
MODE
In SCAN mode, the device takes one conversion per
channel and multiplexes the input to the next channel in
the SCAN sequence. Therefore, all conversions are
One-Shot mode conversions, no matter how the
CONV_MODE[1:0] bits are set. Each conversion takes
the same time, TCONV (or 2 x TCONV when AZ_MUX = 1,
see Section 5.1.3 “ADC Offset Cancellation
Algorithm”), to be performed. If CONV_MODE[1:0] = 00,
01 or 10, the scan cycle is executed once and then the
ADC is placed into Standby or ADC Shutdown mode.
If CONV_MODE[1:0] = 11, the ADC runs in a SCAN
Cycle mode with a TIMER[23:0] delay between cycles.
Writing the CONV_MODE[1:0] bits with the SPI inter-
face within a conversion does not create an internal
Reset. It is recommended not to wait for the end of a
conversion to change the CONV_MODE[1:0] bits to the
desired value, but to change to the desired value just
after the data are ready to avoid possible glitches.
Figure 5-15 and Figure 5-16, respectively, detail the
ADC timing behavior in One-Shot and Continuous
Conversion modes when configured for SCAN mode
with N channels chosen among 16 SCAN possibilities.
FIGURE 5-15:
SCAN One-Shot Conversion Mode Timing Diagram.
FIGURE 5-16:
SCAN Continuous Conversion Mode Timing Diagram.
‘
0x’ or ‘10’
Depending on CONV_MODE
Write
CONV_MODE =
0x/10
SPI
Write
ADC_MODE =
11
MCLK
00
ADC_MODE
IRQ
TADC_SETUP
TCONV
Read ADC Data 1
TDLY_SCAN
11
Continuous Clocking
Don’t Care
TDRH
ADC Shutdown or Reset
Depending on CONV_MODE
ADC Shutdown
ADC
STATUS
Reset
Channel 1 Conversion
Start-up
TCONV
Reset
Channel 2 Conversion
TDLY_SCAN
Channel N Conversion
(Last in Cycle)
TCONV
Read ADC Data N-1
Read ADC Data N
TDRH
Write
CONV_MODE =
11
SPI
Write
ADC_MODE =
11
MCLK
00
ADC_MODE
IRQ
TADC_SETUP
TCONV
Read ADC Data 1
TDLY_SCAN
11
Continuous Clocking
Don’t Care
TDRH
ADC Shutdown or Reset
Depending on TIMER[23:0] Settings
ADC Shutdown
ADC
STATUS
Reset
Channel 1 Conversion
Start-up
TCONV
Reset
Channel 2 Conversion
TDLY_SCAN
Channel N Conversion
(Last in Cycle)
TCONV
Read ADC Data N-1
Read ADC Data N
TDRH
Start-up
Reset
Channel 1 Conversion
(New Cycle)
TADC_SETUP
TDRH
Channel 2 Conversion
(New Cycle)
TDRH
Read ADC Data1
(New Cycle)
TCONV
TCONV
TDLY_SCAN
TTIMER_SCAN
Start-up Time is Reduced to 0
if TTIMER_SCAN < 256 DMCLK
Periods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com