Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3564 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP3564
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3564 Datasheet(HTML) 1 Page - Microchip Technology

  MCP3564 Datasheet HTML 1Page - Microchip Technology MCP3564 Datasheet HTML 2Page - Microchip Technology MCP3564 Datasheet HTML 3Page - Microchip Technology MCP3564 Datasheet HTML 4Page - Microchip Technology MCP3564 Datasheet HTML 5Page - Microchip Technology MCP3564 Datasheet HTML 6Page - Microchip Technology MCP3564 Datasheet HTML 7Page - Microchip Technology MCP3564 Datasheet HTML 8Page - Microchip Technology MCP3564 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006181C-page 1
MCP3561/2/4
Features
• One/Two/Four Differential or Two/Four/Eight
Single-Ended Input Channels
• 24-Bit Resolution
• Programmable Data Rate: Up to 153.6 ksps
• Programmable Gain: 0.33x to 64x
• 106.7 dB SINAD, -116 dBc THD, 120 dBc SFDR
(Gain = 1x, 4800 SPS)
• Low-Temperature Drift:
- Offset error drift: 4/Gain nV/°C (AZ_MUX = 1)
- Gain error drift: 0.5 ppm/°C (Gain = 1x)
• Low Noise: 90 nVRMS (Gain = 16x,12.5 SPS)
• RMS Effective Resolution: Up to 23.3 Bits
• Wide Input Voltage Range: 0V to AVDD
• Differential Voltage Reference Inputs
• Internal Oscillator or External Clock Selection
• Ultra-Low Full Shutdown Current Consumption
(< 5 µA)
• Internal Temperature Sensor
• Burnout Current Sources for Sensor Open/Short
Detection
• 24-Bit Digital Offset and Gain Error Calibration
Registers
• Internal Conversions Sequencer (SCAN mode)
for Automatic Multiplexing
• Dedicated IRQ Pin for Easy Synchronization
• Advanced Security Features:
- 16-bit CRC for secure SPI communications
- 16-bit CRC and IRQ for securing
configuration
- Register map lock with 8-bit secure key
- Monitor controls for system diagnostics
• 20 MHz SPI-Compatible Interface with Mode 0,0
and 1,1
•AVDD: 2.7V-3.6V
•DVDD: 1.8V-3.6V
• Extended Temperature Range: -40°C to +125°C
• Package: 3 mm x 3 mm 20-Lead UQFN and
6.5 mm x 4.4 mm x 1 mm 20-Lead TSSOP
General Description
The MCP3561/2/4 devices are 2/4/8-channel, 24-bit,
Delta-Sigma Analog-to-Digital Converters (ADCs) with
programmable data rate of up to 153.6 ksps. They offer
integrated features, such as internal oscillator, tem-
perature sensor and burnout sensor detection, in order
to reduce system component count and total solution
cost.
The MCP3561/2/4 ADCs are fully configurable with
Oversampling Ratio (OSR), from 32 to 98304, and gain
from 1/3x to 64x. These devices include an internal
sequencer (SCAN mode) with multiple monitor
channels and a 24-bit timer to be able to automatically
create conversion loop sequences without needing
MCU communications. Advanced security features,
such as CRC and register map lock, can ensure config-
uration locking and integrity, as well as communication
data integrity for secure environments.
These devices come with a 20 MHz SPI-compatible
serial interface. Communication is largely simplified
with 8-bit commands, including various Continuous
Read/Write modes and 24/32-bit multiple data formats
that can be accessed by the Direct Memory Access
(DMA) of an 8-bit, 16-bit or 32-bit MCU.
The MCP3561/2/4 devices are available in a leaded
20-lead TSSOP package, as well as in an ultra-small,
3 mm x 3 mm 20-lead UQFN-20 package and are
specified over an extended temperature range from
-40°C to +125°C.
Applications
• Precision Sensor Transducers and Transmitters:
Pressure, Strain, Flow and Force Measurement
• Factory Automation and Process Controls
• Portable Instrumentation
• Temperature Measurements
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise
24-Bit Delta-Sigma ADCs


Similar Part No. - MCP3564

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3564 MICROCHIP-MCP3564 Datasheet
1Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
02/28/20
MCP3564-E/ST MICROCHIP-MCP3564-E/ST Datasheet
1Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
02/28/20
MCP3564T-E/NC MICROCHIP-MCP3564T-E/NC Datasheet
1Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
02/28/20
More results

Similar Description - MCP3564

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7788 AD-AD7788 Datasheet
382Kb / 20P
Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788 AD-AD7788_15 Datasheet
382Kb / 20P
Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7789 AD-AD7789_15 Datasheet
382Kb / 20P
Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
logo
Intersil Corporation
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
logo
Microchip Technology
MCP3565R MICROCHIP-MCP3565R Datasheet
3Mb / 108P
Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
02/28/20
MCP3561 MICROCHIP-MCP3561_V01 Datasheet
1Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
02/28/20
MCP3461R MICROCHIP-MCP3461R Datasheet
2Mb / 118P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
02/28/20
MCP3461 MICROCHIP-MCP3461_V01 Datasheet
2Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
02/28/20
MCP3461 MICROCHIP-MCP3461 Datasheet
2Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
02/28/20
MCP3465R MICROCHIP-MCP3465R Datasheet
3Mb / 110P
Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
Revision C April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com