Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3564 Datasheet(PDF) 73 Page - Microchip Technology

Part # MCP3564
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3564 Datasheet(HTML) 73 Page - Microchip Technology

Back Button MCP3564 Datasheet HTML 69Page - Microchip Technology MCP3564 Datasheet HTML 70Page - Microchip Technology MCP3564 Datasheet HTML 71Page - Microchip Technology MCP3564 Datasheet HTML 72Page - Microchip Technology MCP3564 Datasheet HTML 73Page - Microchip Technology MCP3564 Datasheet HTML 74Page - Microchip Technology MCP3564 Datasheet HTML 75Page - Microchip Technology MCP3564 Datasheet HTML 76Page - Microchip Technology MCP3564 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006181C-page 73
MCP3561/2/4
6.8.1
CONVERSION DATA READY
INTERRUPT
The data ready interrupt happens when a new
conversion is ready to be read on the ADCDATA register.
This event happens synchronously with DMCLK and at
each end of conversion. This interrupt is implemented
with three different and independent mechanisms:
STATUS byte on SDO, IRQ register Status bit, and IRQ
pin state.
1.
STATUS byte on SDO. When the interrupt
occurs on the next STATUS byte transmitted on
SDO, the DR_STATUS bit will be logic low. Once
the STATUS byte has been transmitted, the
DR_STATUS bit appears as ‘1’ until a new
interrupt is present. If the interrupt occurs
between two STATUS byte transmissions, the
DR_STATUS bit on SDO will appear as equal to
‘0’ on the second reading.
2.
IRQ register Status bit. When the interrupt
occurs, the DR_STATUS bit in the IRQ register
is set to ‘0’. Once the IRQ register has been fully
read, this DR_STATUS bit is reset to ‘1’. If the
interrupt occurs between two readings of the
IRQ register, the IRQ register Status bit appears
as equal to ‘0’ on the second reading.
3.
IRQ pin state. The interrupt generates an IRQ
pin falling edge (transition to logic low) as soon
as it happens.
The data ready interrupt is cleared by the first of the
following two events:
• First falling edge of SCK during an ADC Output
Data register read
• 16 DMCLK clock periods before current
conversion ends
If the user does not read the ADCDATA register in time
in Continuous Conversion mode or in SCAN mode, the
IRQ pin will automatically reset to its Inactive state
16 DMCLKs prior to the new data ready interrupt. This
feature is designed in order to avoid the case where the
IRQ pin is logic low if the reading of ADC data is not
performed. The user can then determine exactly when
to expect the new data and can respect the tDODR
timing in all cases to ensure a proper reading of the
ADC data. See Figure 6-13 for more details.
FIGURE 6-13:
Data Ready Interrupt IRQ Pin Timing Diagram.
SPI
IRQ
TCON V
Transition time
tDOD R
Read A DC DATA1
1/DRCLK
TDRH
DATA1 can be read dur ing this time
Interrupt is cleared
at first SCK falling edge
after ADCDATA read start
ADCDATA
REGISTER
DATA1
DATA0
Interrupt is cleared
automatically if ADCDATA
has not been read in time
Read A DC DATA2
1/DRCLK
TDRH
DATA2 can be read dur ing this time
DATA2
Data Ready Interrupt
C OMM AN D By te
Read A DCDATA
C OMM AN D By te
Read A DCDATA
Transition time
tDOD R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com