Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3461RT-E/ST Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP3461RT-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3461RT-E/ST Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP3461RT-E/ST Datasheet HTML 39Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 40Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 41Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 42Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 43Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 44Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 45Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 46Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 118 page
background image
 2020-2021 Microchip Technology Inc.
DS20006404C-page 43
MCP3461/2/4R
The default value of the bit stream after a Reset or a
power-up is ‘0011’; it is equivalent to a 0V input for the
ADC. After each ADC Reset and Restart (see
Section 5.16 “A/D Conversion Automatic Reset and
Restart Feature”), the bit stream output is also reset
and restarted, and the IRQ/MDAT is kept equal to logic
high during the two MCLK clock periods needed for the
synchronization. After these two clock periods, the bit
stream will be provided on the IRQ/MDAT pin and the
first value will be the default value.
FIGURE 5-3:
MDAT Serial Outputs
Depending on the Modulator Output Code.
5.4.3
BOOST MODES
The Delta-Sigma modulator includes a programmable
biasing circuit in order to further adjust the power
consumption to the sampling speed applied through the
MCLK. This can be programmed through the
BOOST[1:0] bits in the CONFIG2 register. The different
BOOST settings are applied to the entire modulator
circuit, including the voltage reference buffers. The
settings of the BOOST[1:0] bits are described in
Table 5-5.
The maximum achievable Analog Master Clock
(AMCLK) speed, the maximum sampling frequency
(DMCLK) and the maximum achievable data rate
(DRCLK) are highly dependent on the BOOST[1:0] and
GAIN[2:0] bits setting. A higher BOOST setting allows
the circuit’s bandwidth to be increased and allows a
higher analog master clock rate, which will then
increase the baseband of the input signals to be
converted. The digital gain (which is enabled at 32x
and 64x gains) has no influence on the achievable
bandwidth.
A typical dependency of the bandwidth depending on
the gain for each BOOST setting combination is shown
from Figure 2-35 to Figure 2-38. Typically, a larger gain
setting requires a higher BOOST setting in order to
achieve the same bandwidth performance.
Figure 2-43 shows the behavior of the achievable
bandwidth at BOOST = 1x with AVDD corner cases.
Since the BOOST settings vary, the internal slew rate
of the modulator components, using a lower VREF
value, will improve the bandwidth if low BOOST
settings are used and show a bandwidth behavior that
is too limited.
TABLE 5-4:
DELTA-SIGMA MODULATOR
OUTPUT BIT STREAM CODING
COMP[3:0]
Code
Modulator
Output Code
(Decimal)
MDAT
Serial
Stream
Equivalent
VREF
Voltage
1111
+2
1111
+VREF
0111
+1
0111
+VREF/2
0011
0
0011
0
0001
-1
0001
-VREF/2
0000
-2
0000
-VREF
AMCLK
tDOMDAT
MDAT
(code = +2)
MDAT
(code = +1)
MDAT
(code = 0)
MDAT
(code = -1)
MDAT
(code = -2)
COMP[3]
C OMP[2]
COMP[1]
C OMP[0]
tDOMDAT tDOMDAT tDOMDAT tDOMDAT
TABLE 5-5:
BOOST SETTINGS
DESCRIPTION
BOOST[1:0]
Bias Current
00
x0.5
01
x0.66
10
x1 (default)
11
x2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com