Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3461RT-E/ST Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP3461RT-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3461RT-E/ST Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP3461RT-E/ST Datasheet HTML 11Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 12Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 13Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 14Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 15Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 16Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 17Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 18Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 118 page
background image
 2020-2021 Microchip Technology Inc.
DS20006404C-page 15
MCP3461/2/4R
2.0
TYPICAL PERFORMANCE CURVES
Note:
Unless otherwise indicated, AVDD = 3.3V, DVDD = 3.3V, TA = +25°C, MCLK = 4.9152 MHz, VIN = -0.5 dBFS
at 50 Hz, VREF = AVDD, ADC_MODE[1:0] = 11. All other registers are set to default value. Histogram ticks
are centered at their bin center.
FIGURE 2-1:
FFT Output Spectrum,
fin = 50 Hz Input.
FIGURE 2-2:
FFT Output Spectrum,
fin = 1 kHz Input.
FIGURE 2-3:
FFT Output Spectrum,
fin = 50 Hz (Internal VREF).
FIGURE 2-4:
FFT Output Spectrum,
fin = 1 kHz (Internal VREF).
FIGURE 2-5:
Output Noise Histogram.
FIGURE 2-6:
Output Noise Histogram
(Internal VREF).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
2500
Frequency (Hz)
V
IN = -0.5 dBFS @ 50 Hz
FFT 16384 samples
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
2500
Frequency (Hz)
V
IN = -0.5 dBFS @ 1 kHz
FFT 16384 samples
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
2500
Frequency (Hz)
V
IN = -0.5 dBFS @ 50 Hz
FFT 16384 samples
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
2500
Frequency (Hz)
V
IN = -0.5 dBFS @ 1 kHz
FFT 16384 samples
0
10000
20000
30000
40000
50000
60000
70000
-10
-9-8-7-6-5-4-3-2-10
ADC Output Code (LS )
VIN = 0V
CONV_MODE[1:0] = 11
64000 samples
Bin size = 1 LS
Histograms may show up
to 2 bins equally
distributed if offset is close
to a round LS value
(Intrinsic noise << 16-bit
quantization noise)
0
10000
20000
30000
40000
50000
60000
70000
-12 -11 -10
-9
-8
-7
-6
-5
-4
-3
-2
ADC Output Code (LSB)
V
IN = 0V
CONV_MODE[1:0] = 11
64000 samples
Bin size = 1 LSB
Histograms may show
up to 2 bins equally
distributed if offset is
close to a round LSB
value
(Intrinsic noise << 16-bit
quantization noise)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com