Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3461RT-E/ST Datasheet(PDF) 65 Page - Microchip Technology

Part # MCP3461RT-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3461RT-E/ST Datasheet(HTML) 65 Page - Microchip Technology

Back Button MCP3461RT-E/ST Datasheet HTML 61Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 62Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 63Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 64Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 65Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 66Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 67Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 68Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 118 page
background image
 2020-2021 Microchip Technology Inc.
DS20006404C-page 65
MCP3461/2/4R
5.16.3
REGISTER BIT MODIFICATIONS
CAUSING DELAYED
RESET/RESTART
A third group of bits will generate a Reset and a Restart
that induce a new start-up delay (TADC_SETUP), so that
the internal analog operating points can be settled with
the new settings before the new conversion is started.
The Reset is immediate; the start-up timer is only
restarted after a period of two MCLK periods (necessary
to handle the Reset and to ensure that the Restart is
synchronous with the master clock). Overall, the delay
from the Reset to the actual Restart of the conversion
with the new settings is then 2 MCLK + TADC_SETUP.
This group includes: CONFIG0 and the RESERVED
registers at addresses: 0xB and 0xC. The CONFIG0
bits induce a start-up timer delay only if they are
changed to a new value. If they are overwritten with the
same value, they will generate an immediate Reset and
Restart. In Scan mode, the Reset and Restart feature
will just restart the current conversion for this group of
bits, the Scan cycle is not modified and not restarted.
This third group of bits will induce a start-up timer delay,
even when ADC_MODE[1:0] = 10 or if the ADC is in
Standby mode.
During the Reset and Restart sequence, the Reset is
immediate and resets the internal phases to the original
state, which can lead to a discontinuity in the clock out-
put frequency if the AMCLK clock output is enabled. The
Restart is synchronous with the AMCLK generation and
is effective only after two MCLK periods. The Restart
also generates a conversion start pulse (only after the
two MCLK periods or the two MCLK + TADC_SETUP
necessary for the Restart) if enabled, for the user to be
able to align the system with the exact start of the new
conversion.
Depending on the phase between the AMCLK and the
SPI commands, the 2-MCLK delay can turn into a
4-MCLK delay to ensure the proper synchronization of
the device. If very precise synchronization is required,
it is recommended to not change the register configu-
rations (i.e., not during conversions) or to use the
EN_STP = 1 setting so that the start of the conversions
can be clearly determined.
In MUX mode, the TIMER and SCAN registers do not
generate a Reset and Restart when written, except if
the SCAN register is modified to effectively enter into
Scan mode. In this case, the MUX mode is superseded
by the Scan mode immediately.
In Scan mode, a write access of the SCAN register,
during or between conversions within the Scan cycle,
will create a Reset and Restart of the whole Scan
sequence. Within the same conditions, a write access
on the TIMER register will not create a Reset and
Restart of the entire Scan sequence. However, during
the TTIMER_SCAN delay between Scan cycles, a write
on the SCAN register does not generate a Reset and a
Restart of the entire sequence. Within the same condi-
tions, a write on the TIMER register generates a Reset
and a Restart of the entire sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com