Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3461RT-E/ST Datasheet(PDF) 57 Page - Microchip Technology

Part # MCP3461RT-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3461RT-E/ST Datasheet(HTML) 57 Page - Microchip Technology

Back Button MCP3461RT-E/ST Datasheet HTML 53Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 54Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 55Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 56Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 57Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 58Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 59Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 60Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 118 page
background image
 2020-2021 Microchip Technology Inc.
DS20006404C-page 57
MCP3461/2/4R
5.12.3
INTERNAL MASTER CLOCK
MODES (CLK_SEL[1:0] = 1x)
When CLK_SEL[1] = 1, the internal oscillator is selected
and the master clock is generated internally. The internal
oscillator has no Reset feature and continues to run
once selected. The master clock generation is indepen-
dent of the ADC as the clock can still be generated, even
if the ADC is in ADC Shutdown mode. The internal
oscillator is only disabled when CLK_SEL[1:0] = 0x. The
clock can be distributed to the dedicated output pin
depending on the CLK_SEL[0] bit. When the clock
output is selected (CLK_SEL[0] = 1), the AMCLK clock
derived from the MCLK (AMCLK = MCLK/PRESCALE)
is available on the output pin. The AMCLK output can
serve as the clock pin to synchronize the modulator out-
put or other MCP3461/2/4R devices that are configured
with CLK_SEL[1:0] = 00 or 01.
The AMCLK output is available on the MCLK clock
output pin as soon as the Write command
(CLK_SEL[1:0] = 11) is finished.
5.13
Digital System Offset and Gain
Calibrations
The
MCP3461/2/4R
devices
include
a
digital
calibration feature for offset and gain errors. The cali-
bration scheme for offset error consists of the addition
of a fixed offset value to the ADC output code
(ADCDATA at address: 0x0). The offset value added
(OFFSETCAL) is determined in the OFFSETCAL
register (address: 0x9). The calibration scheme for gain
error consists of the multiplication of a fixed gain value
to the ADCDATA code. The gain value (GAINCAL)
multiplied is determined in the GAINCAL register
(address: 0xA).
The digital offset and gain calibration schemes are
enabled or disabled via the EN_OFFCAL and
EN_GAINCAL control bits of the CONFIG3 register.
When both calibration control bits are enabled
(EN_OFFCAL = EN_GAINCAL = 1), the ADCDATA
register is modified with the digital offset and gain cali-
bration schemes, as described in Equation 5-6. When a
calibration enable bit is off, its corresponding register
becomes a Don’t Care register and the corresponding
calibration is not performed.
EQUATION 5-6:
ADCDATA OUTPUT
AFTER DIGITAL GAIN
AND OFFSET ERROR
CALIBRATION
The calculations are performed internally with proper
management of overloading, so that the overload
detection is done on the output result only and not on
the intermediate results. A sufficient number of addi-
tional overload bits are maintained and propagated
internally to overcome all possible overload and/or
overload recovery situations.
For example, if ADCDATA (pre-calibration) + OFFSETCAL
is out of bounds, but (ADCDATA (pre-calibration) +
OFFSETCAL) x GAINCAL is still in the right range
(possible with 0 < GAINCAL < 1), the result is not
saturated.
5.13.1
DIGITAL OFFSET ERROR
CALIBRATION
The
Offset
Calibration
register
(OFFSETCAL,
address: 0x9) is a signed MSb first, two’s complement
coding, 24-bit register that holds the digital offset
calibration value, OFFSETCAL. The OFFSETCAL
equivalent input voltage value is calculated with
Equation 5-7.
EQUATION 5-7:
OFFSETCAL
CALIBRATION VALUE
(EQUIVALENT INPUT
VOLTAGE)
For the MCP3461/2/4R devices, the offset calibration
is done by adding the OFFSETCAL[23:8] calibration
value to the ADCDATA output code, bit by bit. The last
byte of the OFFSETCAL register (OFFSETCAL[7:0])
is ignored and internally reset to 0x00 during the cali-
bration; therefore, the addition just takes into account
the OFFSETCAL[23:8] bits and is done bit-by-bit with
the ADC output code.
The offset calibration value range in equivalent voltage
is [-VREF/GAIN; (+VREF – 1 LSb)/GAIN], which can
cancel any possible offset in the ADC but also in the
system. The offset calibration is realized with a simple
24-bit signed adder and is instantaneous (no pipeline
delay). Enabling the offset calibration will affect the
next conversion result; the conversion result already
held in the ADCDATA register (0x0) is not modified
when the EN_OFFCAL is set to ‘1’, but the next one
will take the offset calibration into account. Changing
the OFFSETCAL register to a new value will not affect
the current ADCDATA value, but the next one (after a
data ready interrupt) will take the new OFFSETCAL
value into account. Figure 5-12 presents the different
cases and their impact on the ADCDATA register and
the IRQ output.
ADCDATA (post-calibration) =
[ADCDATA (pre-calibration) + OFFSETCAL] x GAINCAL
OFFSETCAL (V) = VREF x (OFFSETCAL[23:8]
signed decimal code)/(32768 x GAIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com