Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3461RT-E/ST Datasheet(PDF) 105 Page - Microchip Technology

Part # MCP3461RT-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3461RT-E/ST Datasheet(HTML) 105 Page - Microchip Technology

Back Button MCP3461RT-E/ST Datasheet HTML 101Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 102Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 103Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 104Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 105Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 106Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 107Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 108Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 109Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 118 page
background image
 2020-2021 Microchip Technology Inc.
DS20006404C-page 105
MCP3461/2/4R
9.0
PACKAGING INFORMATION
9.1
Package Marking Information(1)
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note 1: In the event the full Microchip part number cannot be marked on one line, it
will be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
2: Denotes the device default SPI address option. The device only responds to
SPI commands if CMD[7:6] matches the SPI device address for each com-
mand (see Section 6.2.2 “Device Address Bits (CMD[7:6])”). Contact
Microchip Sales for other device address option ordering procedure.
3: The 20-Lead TSSOP package allows up to 8 characters per line as shown
here. Currently only 7 characters are being used as shown in the example.
3
e
3
e
Part Number
Code
SPI Device Address
MCP3461RT-E/NC
AAM
01(2)
MCP3462RT-E/NC
AAN
01(2)
MCP3464RT-E/NC
AAP
01(2)
AAM
Example
PIN 1
2112
256
XXX
20-Lead UQFN (3 x 3 x 0.55 mm)
PIN 1
YYWW
NNN
MCP464R
Example
EST 256
2112
XXXXXXXX
20-Lead TSSOP (6.5 x 4.4 x 1 mm)
XXXXXNNN
YYWW
3
e
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com